Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 26 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 26 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 30Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
Copyright © Future Technology Devices International Limited
26
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
5.3.3 UART Flow Control
The UART interface needs to implement proper flow control to prevent data from being lost by the
external device. This will be done using either hardware or software flow control. The FT260 UART
supports the modes listed below.
OFF, and switch UART pins to GPIO
RTS_CTS mode (hardware flow control)
DTR_DSR mode (hardware flow control)
XON_XOFF (software flow control)
No flow control mode
RTS/CTS Hardware Flow Control
When RTS / CTS flow control is used, the CTS input indicate to the FT260 that the data communications
equipment (DCE) is ready to receive data. If it is active (low), then the FT260 is free to transmit data on
the TX data line, otherwise it has to hold the data until CTS goes low. The RTS output is used to indicate
that The FT260 is capable of receiving data (active low). Thus, it should be set inactive by the FT260
when both the UART receive register and receive holding register are full.
DTR/DSR Hardware Flow Control
These signals are provided to give information about the status of each UART. When this mode is enabled
and the DTS input is high, the FT260 UART should not send any data on the TX line. DTR will be enabled
on reset and a register bit will allow the IO Bus to alter the state at any time.
Software Flow Control
When software flow control is enabled the XON character and XOFF character are used to stop and start
the flow of data. The XON character tells the downstream device to start sending data. The XOFF
character tells the downstream device to stop sending data. Typical defaults for XON is `11’ and for XOFF
is `13’.
5.3.4 UART Timing
Figure 5.8 UART Timing
Parameter
Min(ns)
Typ(ns)
Max(ns)
Description
T0@48MHz
-2500ppm
20.833
+2500ppm
T0 is the period when operating clock=48MHz
T1
4*T0
40000*T0
Baud clock period of txd
Table 5.4 UART Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com