Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 19Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
Copyright © Future Technology Devices International Limited
15
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
The UART provides a transmitter enable control signal (TX_ACTIVE) on the pin DIO0 to assist with
interfacing to RS485 transceivers. The UART can support baud rates from 1.2 Kbaud to 12 Mbaud.
UART in the FT260 functions include:
Full RS232 support
7 or 8 data bits, an optional parity bit and 1 or 2 stop bits support
Baud rate from 1.2 Kbaud to 12 Mbaud support
Baud rate accuracy within +-1.5%
Optional hardware flow control via RTS / CTS and DTR / DSR
Optional software flow control via XON / XOFF characters
I2C Master Controller. I2C (Inter Integrated Circuit) is a multi-master serial bus invented by Philips. I2C
uses two bi-directional open-drain wires called serial data (SDA) and serial clock (SCL). Common I2C bus
speeds are the standard mode (SM) with bit rate up to 100 Kbit/s, fast mode (FM) with the bit rate up to
400 Kbit/s, Fast mode plus (FM+) with the bit rate up to 1 Mbit/s, and High Speed mode (HS) with the bit
rate up to 3.4 Mbit/s. Refer to the I2C specification for more information on the protocol.
The FT260 device can operates as I2C master, and the major functions include:
Fully compatible to v2.1 and v3 specification
7-bit address support
Support 4 speed configurations defined in I2C-bus specification
Support bit rate up to 3Mbit/s
Clock stretching support
GPIOs. The FT260 contains 14 digital function pins. Each pin can be set as I2C/UART related function or
GPIO (General Purpose Input/Output). Some GPIO functions are implemented in the FT260 for various
applications like TX_ACTIVE, TX_LED, RX_LED for UART; SUSPOUT_N, WAKEUP for USB; PWREN and
BCD_DET indicator for power management. GPIO functions can also be directly controlled by applications
over USB via the Control pipe. The drive strength, slew rate control and pull high/low resistors can be
configured in the Vendor Specific Parameters defined in embedded eFUSE or external EEPROM by
FT_PROG.
GPIO functions for each pin in the FT260 include:
DIO0 (pin 7 @ WQFN28) can be configured as TX_ACTIVE, TX_LED, GPIOA
DIO1 (pin 8 @ WQFN28) will be set as GPIOB function by default
DIO2 (pin 9 @ WQFN28) will be set as GPIOE function by default
DIO3
(pin 10 @ WQFN28) will be set as GPIOC function by default when the UART interface in
not enabled
DIO4 (pin 11 @ WQFN28) will be set as GPIOD function by default when the UART interface in
not enabled
DIO5
(pin 12 @ WQFN28) can be set as GPIO0 function when the I2C interface and external
EEPROM are not supported
DIO6
(pin 13 @ WQFN28) can be set as GPIO1 function when the I2C interface and external
EEPROM are not supported
DIO7 (pin 14 @ WQFN28) can be configured as SUSPOUT_N, SUSPOUT, PWREN_N, GPIO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com