Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT260Q-R Datasheet(PDF) 38 Page - Future Technology Devices International Ltd.

Part # FT260Q-R
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q-R Datasheet(HTML) 38 Page - Future Technology Devices International Ltd.

Back Button FT260Q-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT260Q-R Datasheet HTML 42Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 61 page
background image
Copyright © Future Technology Devices International Limited
38
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
7.5
Configuration for System Pins
Figure 7.5 Recommended FT260 Configuration of System Pins
The pins, DCNF0 and DCNF1, will determine one of 3 configurations for the FT260 as defined in Section
5.1. These 2 pins have internal pull-down resistors; these 2 pins can be left floating for logic-0. If logic-1
is applied for DCNF0 and/or DCNF1, a 10K Ohm resistor should be connected to VCCIO as shown in
Figure7.5.
The pin RESETN is the external reset source for the FT260. There is also a power-on-reset (POR) design
in the FT260. If there is no requirement for an external reset, RESETN can be left floating or weakly tied
to logic-high. If an external reset is required in the design, the related circuit in Figure 7.5 can be used
for reference.
The DEBUGGER pin is reserved for debugging purposes and should be tied to VCCIO, the I/O power
domain for the FT260. The pin, STEST_RESETN, is also a reserved pin and should be tied to logic-high.
Note that the GND pin located at pin-29 in Figure 7.5 is the paddle in the bottom side of the WQFN28
package. It should be tied together with the GND for FT260.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com