Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT4222HQ-C-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Copyright © Future Technology Devices International Limited
1
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
Future Technology
Devices International Ltd.
FT4222H
(USB2.0 to QuadSPI/I2C
Bridge IC)
FT4222H is a USB2.0 to Quad-SPI/I2C
interface Device Controller with the
following advanced features:
Single chip USB2.0 Hi-speed to SPI/I2C bridge
with a variety of configurations
Entire USB protocol handled on the chip.
On-chip OTP memory for USB Vendor ID (VID),
Product ID (PID), device serial number,
product description string and various other
vender specific data.
Configurable
industry
standard
SPI
Master/Slave interface controller
Support configurable data width with single,
dual, quad data width transfer mode in SPI
master
SCK can support up to 30MHz in SPI master
Up to 53.8Mbps data transfer rate in SPI
master with quad mode transfer
Support single bit data transfer with full-duplex
transfer in SPI Slave
Support up to 4 channels slave selection
control pins in SPI master application
Configurable
I2C
Master/Slave
interface
controller conforming to I2C v2.1 and v3.0
specification.
Support 4 speed modes as defined in the I2C-
bus Specification, standard mode (SM) up to
100Kbit/s, fast mode (FM) up to 400Kbit/s,
Fast mode plus (FM+) up to 1Mbit/s, and High
Speed mode (HS) up to 3.4 Mbit/s
Configurable GPIOs can be easily controlled by
software applications via USB bus
USB Battery Charger Detection.
Device supplied pre-programmed with unique
USB serial number.
USB Power
Configurations; supports bus-
powered, self-powered and bus-powered with
power switching.
+5V USB VBUS detection engine
Integrated 5V-3.3V-1.8V regulators.
True 3.3V CMOS drive output and TTL input.
(operates down to 1V8 with external pull-ups)
Configurable I/O pin output drive strength; 4
mA(min) and 16 mA(max)
Integrated power-on-reset circuit.
USB2.0 Low operating and suspend current;
68mA (active-typ) and 375µA (suspend-typ).
UHCI / OHCI / EHCI / XHCI host controller
compatible.
FTDI’s royalty-free Direct (D2XX) drivers for
Windows eliminate the requirement for USB
driver development in most cases.
Extended operating temperature range; -40⁰C
to 85⁰C.
Available in compact Pb-free 32 Pin VQFN
packages (RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT4222HQ-C-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT4222H FTDI-FT4222H Datasheet
1Mb / 49P
FT4222H is a USB2.0 to Quad-SPI/I2C interface Device Controller with the following advanced features
More results

Similar Description - FT4222HQ-C-R

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720130 NEC-UPD720130 Datasheet
316Kb / 44P
USB2.0 to IDE Bridge
logo
SMSC Corporation
GT3200 SMSC-GT3200 Datasheet
1Mb / 51P
USB2.0 PJY IC
logo
Oxford Semiconductor
OXUSB954 OXFORD-OXUSB954 Datasheet
54Kb / 2P
USB2.0 to Quad Serial Port Bridge
logo
SMSC Corporation
GT3200 SMSC-GT3200_06 Datasheet
1Mb / 48P
USB2.0 PHY IC
logo
List of Unclassifed Man...
AU6390 ETC2-AU6390 Datasheet
435Kb / 19P
USB2.0 to ATA/ATAPI Bridge Controller
AU6391 ETC2-AU6391 Datasheet
673Kb / 22P
USB2.0 to ATA/ATAPI Bridge Controller
AU6395 ETC2-AU6395 Datasheet
740Kb / 22P
USB2.0 to SATA Bridge Controller
logo
Future Technology Devic...
FT260Q-R FTDI-FT260Q-R Datasheet
2Mb / 61P
HID-class USB to UART/I2C Bridge IC
FT260S-U FTDI-FT260S-U Datasheet
2Mb / 61P
HID-class USB to UART/I2C Bridge IC
T260Q-T FTDI-T260Q-T Datasheet
2Mb / 61P
HID-class USB to UART/I2C Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com