Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Copyright © Future Technology Devices International Limited
22
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
Parameter
Min(ns)
Typ(ns)
Max(ns)
Description
T0@48MHz
20.833
T0 is the period when operating clock=48MHz
T0@60MHz
16.666
T0 is the period when operating clock=60MHz
T0@80MHz
12.500
T0 is the period when operating clock=80MHz
Timing for I2C Master
T1@SM
16*T0
8*(1+N)*T0
SCK Period when I2C as master with standard
speed mode(SM)
T1@FM/HM
12*T0
6*(1+N)*T0
SCK Period when I2C as master with FM, FM+,
HS speed mode
T2
8*T0
4*(1+N)*T0
SCK high pulse width when I2C as master with
standard speed mode(SM)
T2
4*T0
2*(1+N)*T0
SCK high pulse width when I2C as master with
FM, FM+, HS speed mode
T3
2*(1+N)*T0
SDA output setup time to SCL rising edge when
I2C as master
T4
2*(1+N)*T0
SDA output hold time to SCL falling edge when
I2C as master
T5
>=
0
input setup time requirement from SDA to SCL
rising edge when I2C as master
T6
>=
0
input hold time requirement from SDA to SCL
falling edge when I2C as master
T7
2*(1+N)*T0
Start bit setup time to SCL falling edge
T8
4*(1+N)*T0
Start bit hold time to SCL falling edge
T9
2*(1+N)*T0
Stop bit setup time to SCL rising edge
T10
2*(1+N)*T0
Stop bit hold time to SCL rising edge
T11
4*(1+N)*T0
Bus free time between Start and Stop bit
Timing for I2C Slave
T1
12*T0
Acceptable SCL Period when I2C as slave device
T2
1*T0
SCL high pulse width requirement when I2C as
slave
T3
>=
0
input setup time requirement from SDA to SCL
rising edge when I2C as slave device
T4
1*T0
input hold time requirement from SDA to SCL
falling edge when I2C as slave device
T5
T8 - T6
SDA output setup time to SCL rising edge
T6
3*T0
4*T0
5*T0
SDA output hold time to SCL falling edge
Table 5.4 I2C Timing for VCCIO=3.3V
Note that N can be ranged from 1 to 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com