Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 33 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 33 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 37Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Copyright © Future Technology Devices International Limited
33
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
7.3
Self Powered Configuration with 3.3V Source In
Figure 7.3 Self Powered Configuration with 3.3V Source Input
Figure 7.3 illustrates the FT4222H in a typical USB self-powered configuration similar to Figure 7.2. The
difference here is that the self-power source is 3.3V. If using 3.3V as power source in, remember to
connect it to VOUT3V3 to supply actual operating voltage to USB2.0 PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com