Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 42Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Copyright © Future Technology Devices International Limited
39
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
Parameter
Default Value
Notes
Serial Number
None
A unique serial number is generated and
programmed into the OTP memory. Refer to the
Utility FT_Prog for details
Enable Suspend Out
enable
Set GPIO2(pin-15) as USB suspend indicator
Suspend Out Polarity
active-high
Set the polarity on GPIO2 pin for indicating
suspend out. Default is set as active-high.
I2C Slave Address
40h
Set the I2C slave address when I2C Slave function
is enabled. Range from 00h ~ 7Fh
SPI Drive Strength
4mA
Adjustable drive strength for SPI related pins SCK,
MISO/MOSI/IO2/IO3, SS0O. Drive strength can be
set as 4mA, 8mA, 12mA and 16mA
SPI Weak Pullup/Pulldown
disable
Enable the weak pullup / pulldown resistor on the
pin SS(pin-32). Default is disabled (without any
pull).
SPI Slew Rate Enable?
disable
Set the slew rate control for SPI related pins SCK,
MISO, MOSI, SS0O, IO2, IO3. Default is disabled
SPI Suspend Mode
disable(tri-state)
Mode selection for I/O status of SPI related pins
SCK, MISO, MOSI, IO2, IO3, SS0O when USB
suspends. Refer to table 5.8 for defaults.
SPI Suspend
No change
Define the behaviour of SPI related pins MISO,
MOSI, IO2/IO3, SS0O when USB suspend happens.
Behaviour can be set as No change, push-high or
push-low when SPI Suspend Mode is set as Enable
SPI pin control.
GPIO Drive Strength
4mA
Adjustable drive strength for GPIO related pins
GPIO0, GPIO1, GPIO2, GPIO3. Drive strength can
be set as 4mA, 8mA, 12mA and 16mA
GPIO Open Drain
disable
Set the behaviour of GPIO pins as open-drain.
Default is disabled(GPIO acts as push-pull mode)
GPIO Weak Pullup/Pulldown
disable
Enable the weak pullup / pulldown resistor on the
pins GPIO0, GPIO1, GPIO2, GPIO3. Default is
disabled (without any pull).
GPIO Suspend
input(tri-state)
Define the behaviour of GPIO related pins GPIO0,
GPIO1, GPIO2, GPIO3 when suspend happens. Pins
can be set as No change, input as tri-state, push-
high or push-low
BCD_DET Function Disable?
No
Battery Charger Detection function can be disabled
on BCD_DET pin (pin-31).
BCD_DET Drive Strength
4mA
Adjustable drive strength for BCD_DET pin. Drive
strength can be set as 4mA, 8mA, 12mA and 16mA
BCD_DET Polarity
active-high
Set the polarity on BCD_DET pin for indicating
battery charge detected. Default is set as active-
high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com