Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 38 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 38 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 42Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Copyright © Future Technology Devices International Limited
38
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
9
Internal OTP Memory Configuration
The FT4222H includes an internal OTP memory which holds the USB configuration descriptors, other
configuration data for the chip and also user data areas. Following a power-on reset or a USB reset the
FT4222H will scan its internal OTP memory and read the USB configuration descriptors stored there.
In many cases, the default values programmed into the OTP memory will be suitable and no re-
programming will be necessary. The defaults can be found in Section 9.1.
The OTP memory in the FT4222H can be programmed over USB if the values need to be changed for a
particular application. Further details of this are provided from section 9.2 onwards.
Users who do not have their own USB Vendor ID but who would like to use a unique Product ID in their
design can apply to FTDI for a free block of unique PIDs. See TN_100 – USB Vendor ID/Product ID
Guidelines for more details.
9.1
Default Values
The default factory programmed values of the internal OTP memory are shown in Table9.1.
Parameter
Default Value
Notes
Device Type
FT4222H
Read-Only. Indicate the Chip is FT4222H.
USB Vendor ID (VID)
0403h
USB Vendor ID. Defined in the USB device
descriptor. The format is 16-bit hex coded and
default is set as FTDI VID.
USB Product ID (PID)
601Ch
USB Product ID. Defined in the USB device
descriptor The format is 16-bit hex coded and
default is set as FTDI VID.
USB Version
0200h
Read-only. Returns the USB 2.0 device descriptor
to the host.
Note: FT4222H is a Hi-speed USB2.0 device. If the
connected host/hub is full speed only, the FT4222H
will operate at full speed without changing this USB
version parameter to USB1.1.
Power Source
Bus Powered
Define whether the power source is from the USB
bus or a local source.
Max Bus Power Current
100mA
The max power that will be drawn from VBUS when
using bus power. Range from 0~500mA. If the
power source is defined as self-powered, it must be
set as 0mA.
Remote Wake Up
Enable
Define if the FT4222H supports remote wake up or
not.
Manufacturer Name
FTDI
Describing the manufacturer. A string descriptor
defined in USB device descriptors
Product Description
FT4222
Describing the product. A string descriptor defined
in USB device descriptors
Serial Number Enabled?
No
Enable the string descriptor for serial number or
not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com