Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Copyright © Future Technology Devices International Limited
29
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VPHY,
VPLL
PHY Operating Supply
Voltage
3.0
3.3
3.6
V
3.3V I/O
ICCPHY
PHY Operating Supply
Current
---
30
60
mA
High-speed operation
at 480 MHz
ICCPHY
(susp)
PHY Suspend Supply
Current
---
210
250
μA
USB Suspend
Table 6.7 USB PHY Operating Voltage and Current
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VHSDIFF
High Speed Differential
input voltage sensitivity
300
mV
VI(DP) – VI(DM)
Measure at the connection
of an application circuit
VHSCM
Common mode voltage
range of high speed data
signalling
-50
500
mV
VHSSQ
High speed Squelch
detection threshold
100
mV
Squelch is detected
150
mV
Squelch is not
detected
VHSDSC
High Speed
disconnection detection
threshold
625
mV
Disconnection is
detected
525
mV
Disconnection is not
detected
VHSOI
High Speed idle level
output
voltage(Differential)
-10
10
mV
VHSOL
High Speed low level
output
voltage(Differential)
-10
10
mV
VHSOL
High Speed high level
output
voltage(Differential)
360
400
mV
VCHIRPJ
Chirp-J output
voltage(Differential)
700
1100
mV
VCHIRPK
Chirp-K output
voltage(Differential)
-900
-500
mV
VDI
Full Speed Differential
input voltage sensitivity
0.2
V
VI(DP) – VI(DM)
VCM
Differential common
mode voltage range of
full speed data signalling
0.8
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com