Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 37 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 37 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 41Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Copyright © Future Technology Devices International Limited
37
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
In Figure 8.3, a control IC with an I2C slave interface but without a USB device interface can easily
connect to USB by integrating the FT4222H into the system. With FTDI’s mature and stable D2XX driver,
and easy to use support library, LibFT4222, the FT4222H can easily connect an application to USB. With a
suitable pull-high resistor value on I2C bus, the transfer speed at this I2C interface can be sped up to the
HS mode defined in I2C specification.
Figure 8.3 Application Example 3
In Figure 8.4, a control IC with an I2C master interface but without a USB upstream port (USB device
interface) can easily connect to USB by integrating the FT4222H into the system. With an I2C slave
interface defined in the FT4222H and easy to use API defined in LibFT4222, it is easy to connect an
application to USB via the FT4222H. With a suitable pull-high resistor value on I2C bus, the transfer
speed at this I2C interface can be speed up to the HS mode.
Figure 8.4 Application Example 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com