Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Copyright © Future Technology Devices International Limited
20
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
5.3
I2C Bus Interface
I
2
C (Inter Integrated Circuit) is a multi-master serial bus invented by Philips. I
2C uses two bi-directional
open-drain wires called serial data (SDA) and serial clock (SCL). Common I²C bus speeds are standard
mode (SM) with bit rate up to 100 Kbit/s, fast mode (FM) with bit rate up to 400 Kbit/s, Fast mode plus
(FM+) with bit rate up to 1 Mbit/s, and High Speed mode (HS) with the bit rate up to 3.4 Mbit/s.
An I2C bus node can operate either as a master or a slave:
Master node
– issues the clock and addresses slaves
Slave node
– receives the clock line and address.
The FT4222H can operate as a master or slave, and is capable of being set to the speed modes defined in
the I2C bus specification. Besides the speed mode defined in the I2C standard specification, the I2C
controller of the FT4222H can support flexible SCL frequencies defined by the following function
������������ ���������������� =
������������������������������������ �������������������� ������������������������������������
����∗(����+����)
���� = ���� �������� ����; ���� = ����, ����, ����, … … , ������������
When the target frequency is below 100 KHz, M will be equal to 8; otherwise, M will be equal to 6. For
example, to generate a 2.5MHz frequency on SCL, M will be selected as 6. Then with an operating clock
frequency equal to 60MHz the user can set N as 3. The SCL frequency for I2C master mode can be set via
the FT4222_I2CMaster_Init command defined in the support library, LibFT4222. Refer to the User Guide
For LibFT4222 for further details.
5.3.1 I2C Pin Definition
The I2C function in the FT4222H is a fully configurable I2C master/slave device. When the chip
configuration is set as CNFMODE0 or CNFMODE3 and the USB-to-I2C bridge function is enabled via the
FT4222_I2CMaster_Init API which is defined in the support library LibFT4222. The pins of the FT4222H
will be mapped accordingly. The I2C pins are
Clock – SCL (pin-13), as clock output with open-drain design when I2C bus is set as master.
as clock input when I2C bus is set as slave.
Data
– SDA (pin-14), command/address/data transfer between master and slave with open-
drain design
5.3.2 I2C Bus Protocol
There are four potential modes of operation for a given bus device, although most devices only use a
single role (Master or Slave) and its two modes (Transmit and Receive):
Master transmit – sending data to a slave
Master receive – receiving data from a slave
Slave transmit – sending data to a master
Slave receive
– receiving data from the master
The following figure shows the basic I2C bus protocol
Figure 5.6 I2C Bus Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com