Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Copyright © Future Technology Devices International Limited
13
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
GPIO1 can be configured as GPIO1 or I2C SDA or SPIM slave selection SS2O
GPIO2 can be configured as GPIO2 or USB suspend status output(SUSP) or SPIM slave selection
SS3O
GPIO3 can be configured as GPIO3 or USB remote wake-up input(WAKE) or external interrupt
input(INTR)
Adjustable Driving Strength : 4mA/8mA/12mA/16mA
Slew Rate, Pull High/Low resistor, open drain configurable
WAKE can be configured as rising or falling edge triggered
SUSP trigger mode can be configured as rising edge, falling edge, high level and low level trigger
For configuration details refer to Section 9.1.
Built-in Clock Synthesizer. With an on-chip clock synthesizer, the FT4222H may operate with a low-
cost 12 MHz crystal (or oscillator) by connecting to XSCI and XSCO, and generates a standard internal
480 MHz clock for the USB interface. The Clock Synthesizer takes the 480MHz clock from the embedded
UTMI PHY and generates the 80MHz, 60MHz, 48MHz and 24MHz as reference clocks. The user can select
one of these reference clocks via the API, FT4222_SetClock which is defined in LibFT4222, as the system
operating clock. The system operating clock will be the base and used by the embedded functions to
generate the required interface clock.
Protocol Control Engine. The FT4222H has an embedded and robust control engine. It deals with the
USB enumeration commands and flow control between driver and function such as SPI or I2C devices. It
can perform the bridge function initialization and enable an exceptional data transfer performance
through the USB bus. It collects and summarizes the SPI and I2C bus protocol and simplifies the protocol
as a command set via the USB Bulk transfer pipe. A support library, LibFT4222, is defined for the
FT4222H and is responsible for communicating with this protocol engine. With related APIs (Application
Programming Interface) defined in LibFT4222, this control engine provides a very flexible USB bridge for
SPI and I2C bus access suitable for a wide range of applications.
OTP Controller + Internal OTP Memory. The internal OTP memory provides storage for vendor
configuration data. This vendor configuration area, named as user area, is used to store USB Vendor ID
(VID), Product ID (PID), device serial number, product description string and various other USB
configuration descriptors. It is also used to configure the function pins capability. For further details refer
to Section 9. This user area in the internal OTP memory is available to system designers to allow storing
additional data from the user application over USB. The internal OTP memory can be programmed in
circuit, over USB with an external voltage requirement on the VPP pin (6.5V). The descriptors can be
programmed using the FTDI utility software called FT_PROG, which can be downloaded from FTDI Utilities
on the FTDI website (http://www.ftdichip.com/Support/Utilities.htm#FT_Prog).
5V-3.3V-1.8V LDO regulator. The LDO will regulate out 2 reference voltages for use within the
FT4222H. The +3.3V LDO regulator generates the +3.3V reference voltage for driving the USB
transceiver cell output buffers. It requires an external decoupling capacitor to be attached to the
VOUT3V3 regulator output pin. Another +1.8V LDO regulator generates the +1.8V reference voltage for
driving the internal core of the IC.
POR RESET Generator. POR is the integrated Power on Reset Generator Cell providing a reliable power-
on reset to the device internal circuitry at power up. There is also a RESETN input pin allowing an
external device to reset the FT4222H. RESETN can be tied to VCCIO (+3.3v) if not being used.
Embedded BCD Detection. Supports Battery Charger Detection. The BCD_DET pin will be active if the
device is connected to a dedicated charger instead of a standard USB Host. Refer to section 7.5 for an
example application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com