Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 18 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 18 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Copyright © Future Technology Devices International Limited
18
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
5.2.4 SPI Timing
Figure 5.5 SPI Timing
The Table5.2 shows the timing information for QuadSPI. The result is under the condition of all the
related pins with 5pF loading. T6 is the required setup time to the related SCK edge for the input data
path of QuadSPI. The minimum value of T4 means that the guaranteed setup time to the related SCK
edge for connected device to fetch data from QuadSPI. The maximum value of T6 means that data can
be accepted correctly by QuadSPI with 5pF pin loading assumed. If the pin load is larger, the timing
should be considered conservatively.
Parameter
Min (ns)
Typ(ns)
Max(ns)
Description
T1@master
T2+T3
SCK Period when QuadSPI as master
T1@slave
50
Acceptable SCK Period when QuadSPI as slave device
T2
12.5
SCK HIGH, related to the operating clock and ratio
T3
12.5
SCLK LOW, related to the operating clock and ratio
T4
T3-2.0
T3-1.1
Data output path: setup time to corresponding SCK edge
T5
T2+0.1
T2+0.6
Data output path: hold time to corresponding SCK edge
T6
9.8
Data input path: required setup time to corresponding
SCK edge
T7
0.1
Data input path: required hold time to corresponding SCK
edge
T8
6*T1
SSxO setup time to 1st SCK period boundary
T9
6*T1
SSxO hold time from last SCK period boundary
T10@master
6*T1
Idle time on SCK between byte boundary when master
T10@slave
0
Idle time on SCK between byte boundary when slave
Table 5.2 SPI Timing for VCCIO=3.3V with 5pF output pin load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com