Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 35 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 35 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 39Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
Copyright © Future Technology Devices International Limited
35
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
7.5
USB Battery Charging Detection
An addition to the USB specification
(http://www.usb.org/developers/docs/devclass_docs/BCv1.2_070312.zip) is to allow for additional
charging profiles to be used for charging batteries in portable devices. These charging profiles do not
enumerate the USB port of the peripheral. The FT4222H device will detect that a USB compliant
dedicated charging port (DCP) is connected. Once detected while in suspend mode a battery charge
detection signal is then provided to allow external logic to switch to charging mode as opposed to
operation mode.
Figure 7.5 USB Battery Charging Detection
To use the FT4222H with battery charging detection, the BCD_DET pin acts as BCD Charger output to
switch the external charger circuitry on. If the charging circuitry requires an active low signal to enable it,
the polarity of BCD_DET can be configured in the vender configuration area of internal OTP memory.
When connected to a USB compliant dedicated charging port (DCP, as opposed to a standard USB host)
the device USB signals will be shorted together. The BCD charger signal will bring the LTC4053 out of
suspend and allow battery charging to start. The charge current in the example above is 1A as defined by
the resistance on the PROG pin.
To calculate the equivalent resistance on the LTC4053 PROG pin select a charge current, then Res =
1500V/Ichg
For more configuration options of the LTC4053 refer to :
Section4.3 Example with 1 CBUS pin in AN_175_Battery Charging Over USB
Note: If the FT4222H is connected to a standard host port such that the device is enumerated, the signal
BCD_DET is inactive, LTC4053 is in shut down condition and the charging function will not be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com