Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Copyright © Future Technology Devices International Limited
21
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
The master is initially in master transmit mode by sending a start bit followed by the 7-bit address of the
slave it wishes to communicate with, which is finally followed by a single bit representing whether it
wishes to write(0) to or read(1) from the slave.
If the slave exists on the bus then it will respond with an ACK bit (active low for acknowledged) for that
address. The master then continues in either transmit or receive mode (according to the read/write bit it
sent), and the slave continues in its complementary mode (receive or transmit, respectively).
The address and the data bytes are sent most significant bit first. The start bit is indicated by a high-to-
low transition of SDA with SCL high; the stop bit is indicated by a low-to-high transition of SDA with SCL
high.
If the master wishes to write to the slave then it repeatedly sends a byte with the slave sending an ACK
bit. (In this situation, the master is in master transmit mode and the slave is in slave receive mode.)
If the master wish to read from the slave then it repeatedly receives a byte from the slave, the master
sends an ACK bit after every byte but the last one. (In this situation, the master is in master receive
mode and the slave is in slave transmit mode.)
The master then ends transmission with a stop bit, or it may send another START bit if it wishes to retain
control of the bus for another transfer (a "combined message").
I²C defines three basic types of message, each of which begins with a START and ends with a STOP:
Single message where a master writes data to a slave;
Single message where a master reads data from a slave;
Combined messages, where a master issues at least two reads and/or writes to one or more
slaves
In a combined message, each read or write begins with a START and the slave address. After the first
START, these are also called repeated START bits; repeated START bits are not preceded by STOP bits,
which is how slaves know the next transfer is part of the same message.
Users can refer to the I2C specification for more information on the protocol.
5.3.3 I2C Slave Address
When the FT4222H is configured as a USB to I²C master bridge, it must be able to issue any value of 7-
bits slave address. Users can issue I2C commands to read or write data to a slave via the commands
FT4222_I2CMaster_Read and FT4222_I2CMaster_Write, defined in the support library LibFT4222, with a
corresponding slave address.
When the FT4222H is configured as a USB to I²C slave bridge, the slave address may be defined by the
user. This slave address parameter is defined by default as 40h and can be set once in the I²C Slave
Address parameter which is defined in the user data area of the OTP memory. For further details refer to
Section 9.
5.3.4 I2C Timing
Figure 5.7 I2C Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com