Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT4222HQ-C-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Copyright © Future Technology Devices International Limited
2
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
1
Typical Applications
USB to single mode SPI master controller
USB to dual mode SPI master controller
USB to quad mode SPI master controller
USB to single SPI slave controller
USB to I2C master interface controller
USB to I2C slave interface controller
Utilising USB to add system modularity
Incorporate USB interface to enable PC
transfers for development system
communication
USB Industrial Control
USB Data Acquisition
Accessory connectivity solutions for mobiles
and tablets
USB dongle implementations for Software/
Hardware Encryption and Wireless Modules
Detect USB dedicated charging ports, to allow
for high current battery charging in portable
devices.
1.1
Driver Support
Royalty free D2XX Direct Drivers (USB Drivers + DLL S/W Interface)
Windows 10 32, 64-bit
Windows 8.1 32, 64-bit
Windows 8 32, 64-bit
Windows 7 32, 64-bit
Server 2008 R2
Server 2012 R2
Linux
Android
For driver installation, please refer to http://www.ftdichip.com/Documents/InstallGuides.htm
1.2
Ordering Information
Part Number
Package
Remark
FT4222HQ-C-x
32 Pin VQFN
Rev C
Note: Packing codes for x is:
- R: Taped and Reel, 5,000pcs per reel
- T: Tray packing, 490pcs per tray
For example: FT4222HQ-C-T is 490pcs tray packing (rev C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com