Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 32 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 32 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 36Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Copyright © Future Technology Devices International Limited
32
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
7.2
Self Powered Configuration with 5V Source Input
Figure 7.2 Self Powered Configuration with 5V Source Input
Figure 7.2 illustrates the FT4222H in a typical USB2.0 self-powered configuration. A USB self-powered
device gets its power from its own power supply, 5V, and does not draw current from the USB bus. The
basic rules for USB self-powered devices are as follows –
i)
A self-powered device should not force current down the USB bus when the USB host or hub
controller is powered down.
ii)
A self-powered device can use as much current as it needs during normal operation and USB
suspend as it has its own power supply.
iii)
A self-powered device can be used with any USB host, a bus powered USB hub or a self-
powered USB hub.
The power descriptor in the internal OTP memory of the FT4222H should be programmed to a value of
zero (self-powered).
In order to comply with the first requirement above, the USB bus power (USB connector pin 1) is used to
control the VBUS_DET pin of the FT4222H device. When the USB host or hub is powered up an internal
1.5kΩ resistor on DP is pulled up to +3.3V, thus identifying the device to the USB host or hub. When the
USB host or hub is powered off, the VBUS_DET pin will be low and the FT4222H is held in a suspend
state. In this state the internal 1.5kΩ resistor is not pulled up to any power supply (hub or host is
powered down), so no current flows down DP via the 1.5kΩ pull-up resistor. Failure to do this may cause
some USB host or hub controllers to power up erratically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com