Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4222HQ-C-R Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Copyright © Future Technology Devices International Limited
16
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
When the FT4222H is operating as an SPI master or slave device, QuadSPI can transfer data in single bit
mode with full-duplex transmission. Figure5.1 shows the basic protocol in single transfer mode
Figure 5.1 QuadSPI Bus Protocol when Transferring in Single Mode
QuadSPI can operate in dual or quad transfer mode when QuadSPI is programmed as an SPI master.
These multi-bit transfer modes can speed up the data transfer rate between QuadSPI and the SPI slave
device supporting the multi-bit transfer. Figure5.2 shows the bus protocol in dual or quad mode
Figure 5.2 QuadSPI Bus Protocol when Transferring in Quad Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com