Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 51Page - Cirrus Logic CS8920 Datasheet HTML 52Page - Cirrus Logic CS8920 Datasheet HTML 53Page - Cirrus Logic CS8920 Datasheet HTML 54Page - Cirrus Logic CS8920 Datasheet HTML 55Page - Cirrus Logic CS8920 Datasheet HTML 56Page - Cirrus Logic CS8920 Datasheet HTML 57Page - Cirrus Logic CS8920 Datasheet HTML 58Page - Cirrus Logic CS8920 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
AN84REV1
55
CS8920 Technical Reference Manual
4.0 CS8920 Installation and
Configuration
This chapter discusses the procedures
for installing and configuring the
CS8920 adapter and software provided
with the CS8920 Evaluation Kit. It is
intended to provide the information
necessary to install and configure the
CS8920 and device driver required in a
typical network environment. The
procedures required for your particular
network may be different.
4.1 CS8920 Evaluation Kit Device
Drivers and Software Utilities
The CS8920 Evaluation Kit includes
two diskettes containing the following
network device drivers and utilities:
• Novell Netware DOS and OS/2 ODI
• Novell 3.1x, 4.x server
• Microsoft Windows 95, Windows
NT, and Windows for Workgroups
3.11 (NDIS3.0)
• Microsoft NDIS 2.0.1 drivers for
DOS and OS/2 (compatible with
many networks including: Windows
for Workgroups 3.1, LANtastic, IBM
LAN Server, Microsoft LAN
Manager)
• Packet Driver V1.09 (for use with
TCP/IP protocol stacks, including
PC/TCP and SUN PC-NFS). Source
code is included.
• SCO UNIX driver and installation
script
• DOS-based Setup and Installation
Utility
• Universal Boot PROM for Novell
Netware and IBM LAN Server.
In addition, an EEPROM Programming
Utility for use in OEM manufacturing
environments is available from Crystal
upon request.
4.1.1 Software Distribution
Diskette 1, labeled “CS8900/CS8920
Setup and Device Driver Software”,
contains a DOS-based Setup and
Installation utility and all of the
programs and data files needed to install
device drivers for the operating systems
listed above except for SCO UNIX. The
directory structure of diskette 1 is shown
in Figure 4.1.1.
Diskette 2, labeled “CS8900/CS8920
SCO UNIX Driver”, is an archive in
‘tar’ format and includes the files and
scripts needed to install the SCO UNIX
driver using the SCO UNIX ‘custom’
command.
In addition, each diskette includes a
number of README.TXT files in
ASCII text format containing the latest
installation information for each driver.
4.1.2 Crystal’s Software Licensing
Procedures
The CS8920 Evaluation Kit contains a
single-user copy of executable network
device drivers and utilities. This
software is for use for the purpose of
internal testing and evaluation only. This
software may not be distributed without
first signing a LICENSE FOR
DISTRIBUTION OF EXECUTABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com