Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 47Page - Cirrus Logic CS8920 Datasheet HTML 48Page - Cirrus Logic CS8920 Datasheet HTML 49Page - Cirrus Logic CS8920 Datasheet HTML 50Page - Cirrus Logic CS8920 Datasheet HTML 51Page - Cirrus Logic CS8920 Datasheet HTML 52Page - Cirrus Logic CS8920 Datasheet HTML 53Page - Cirrus Logic CS8920 Datasheet HTML 54Page - Cirrus Logic CS8920 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
AN84REV1
51
CS8920 Technical Reference Manual
DB
0x01
; Decode 16-bit ISA addresses
DB
0x00
; Bits 7:0 of IO base min address
DB
0x02
; Bits 15:8 OF IO base min address
DB
0x60
; Bits 7:0 of IO base max address
DB
0x03
; Bits 15:8 OF IO base max address
DB
0x10
; 16 ports needed
DB
0x10
; IO base paragraph aligned
;-------------------------------------------------------------
; Memory Descriptor 0, 16K Boot ROM
;-------------------------------------------------------------
DB
0x81
; Large Item, Memory Descriptor 0
DB
0x09
; Descriptor length = 9 bytes
DB
0x00
DB
0x40
; 8-bit ROM, non-shadowable, non-cacheable
DB
0x80
DB
0x0C
; Min Base Address = 0xC8000
DB
0x00
DB
0x0F
; Max Base Address = 0xF0000
DB
0x00
DB
0x20
; Base Alignment
DB
0x40
DB
0x00
; Range Length
;-------------------------------------------------------------
; Memory Descriptor 1 - 4K Shared Memory (RAM)
;-------------------------------------------------------------
DB
0x81
; Large Item, Memory Descriptor 1
DB
0x09
; Descriptor length = 9 bytes
Figure 3.4.1. Example PnP Resource Data Record (part 3 of 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com