Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 41Page - Cirrus Logic CS8920 Datasheet HTML 42Page - Cirrus Logic CS8920 Datasheet HTML 43Page - Cirrus Logic CS8920 Datasheet HTML 44Page - Cirrus Logic CS8920 Datasheet HTML 45Page - Cirrus Logic CS8920 Datasheet HTML 46Page - Cirrus Logic CS8920 Datasheet HTML 47Page - Cirrus Logic CS8920 Datasheet HTML 48Page - Cirrus Logic CS8920 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
AN84REV1
45
CS8920 Technical Reference Manual
(NDIS 2X, ODI, NDIS 3X, etc.). Default is
DOS (single threaded OS).
Bit 10: Wakeup Capable
Indicates the adapter is capable of
supporting the Automatic Wakeup feature.
Default is not supported.
Bit 9: Wakeup Configured
Indicates the adapter is configured to
support Automatic Wakeup. (Reset block
of EEPROM contains proper information to
support Automatic Wakeup.) Default is
not configured for Automatic Wakeup.
Bit 8: Wakeup Enabled
Indicates the Automatic Wakeup feature is
enabled. Default is disabled.
Bit 7: DC to DC Converter Polarity
Refer to Section 2.2.2.9. (Must be
initialized by OEM before shipping
adapter.)
Bit 6-5: Media Type In Use
Indicates the type of media the driver
should use (10Base-T, AUI, 10Base-2) or if
driver should auto-detect media in use.
Default is auto-detect.
Bit 4: Reserved (set to 0)
Bit 3: Adapter Provides HW Standby
Circuitry
Indicates the presence of hardware standby
circuitry on the adapter. Refer to Section
3.7 of the CS8920 Data Sheet . (Must be
initialized by OEM before shipping
adapter.)
Bit 2: Adapter Provides 10Base-2
Circuitry
Indicates the presence of 10Base-2 circuitry
on the adapter. (Must be initialized by
OEM before shipping adapter.)
Bit 1: Adapter Provides AUI Circuitry
Indicates the presence of AUI circuitry on
the adapter.
(Must be initialized by OEM
before shipping adapter.)
Bit 0: Adapter Provides 10Base-T
Circuitry
Indicates the presence of 10Base-T
circuitry on the adapter.
(Must be
initialized by OEM before shipping
adapter.)
3.3.8 Manufacturing Date
This word is the adapter’s manufacture date
encoded in 16 bits, YR-MO-DY format.
(Must be initialized by OEM before
shipping adapter.)
Bits 15-9: Two Least-significant Digits of
Year
Seven bits for a range of 00 to 99 decimal.
A roll-over to 00 will be interpreted as the
year 2000.
Bits 8-5: Month
Four bits for a range of 01 to 12.
Bits 4-0 Day
Five bits for a range of 01 to 31.
3.3.9 IEEE Physical Address (copy)
This field is a copy of the three words at
address 1Ch to 1Eh. (Must be initialized
by OEM before shipping adapter.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com