Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 7Page - Cirrus Logic CS8920 Datasheet HTML 8Page - Cirrus Logic CS8920 Datasheet HTML 9Page - Cirrus Logic CS8920 Datasheet HTML 10Page - Cirrus Logic CS8920 Datasheet HTML 11Page - Cirrus Logic CS8920 Datasheet HTML 12Page - Cirrus Logic CS8920 Datasheet HTML 13Page - Cirrus Logic CS8920 Datasheet HTML 14Page - Cirrus Logic CS8920 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
AN84REV1
11
CS8920 Technical Reference Manual
2.1.5 Bill of Material
Table 2.1 has a list components that are
typically used to assemble this adapter
card. For most of the components, there
are several alternative manufacturers.
Item Reference #
Description
Quantity Vendor
Part Number
1
C1, C2, C5,
C7, C8, C9,
C10, C11,
C12, C13,
C14
Capacitor, 0.1
µF, X7R, SMT
0805
11
2
C15, C16,
Capacitor, 22
µF, SMT 7343
3
3
C18
Capacitor, 68 pF, NPO, SMT
1
4R2, R3 Resistor
, 24.3, 1%, 1/8W, SMT
2
5
R1
Resistor, 100, 1%, 1/8W, SMT
1
6
R4
Resistor, 4.99K, 1%, SMT
1
7* X1
Crystal, 20.000 MHz
1
M-tron
ATS-49,20.000
8
J1
Connector, RJ45, 8 pin
1
AMP
555164-1
9
T1
Transformer, 2, 1:1, 1:1.41
1
Valor
ST7011 (SOIC)
10 U1
ISA Ethernet Controller
1Crystal
CS8920
11* U3
2K EEPROM
1
Microchi 93C56 (8 pin SOIC)
12
Board bracket
1
Gompf
9340
13
CDB8920 PCB Rev A
1
14
4/40 Screws
2
* Depending on system resources, these parts may not be needed.
Table 2.1. CS8920 Motherboard Design Bill of Mater ials



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com