Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 34Page - Cirrus Logic CS8920 Datasheet HTML 35Page - Cirrus Logic CS8920 Datasheet HTML 36Page - Cirrus Logic CS8920 Datasheet HTML 37Page - Cirrus Logic CS8920 Datasheet HTML 38Page - Cirrus Logic CS8920 Datasheet HTML 39Page - Cirrus Logic CS8920 Datasheet HTML 40Page - Cirrus Logic CS8920 Datasheet HTML 41Page - Cirrus Logic CS8920 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
AN84REV1
38
CS8920 Technical Reference Manual
high byte of the word (bits 15-8). The
checksum value is the 2’s complement of
all the bytes in the Reset Configuration
Block excluding the checksum byte. (The
low byte of the checksum word is not used
and it is recommended that it be set to
0x00.) Since the checksum is the 2’s
complement of all the bytes in the Reset
Configuration Block, a total sum of 0
should result when the checksum value is
added to the sum of all the preceding bytes.
3.2.2 Typical Reset Blocks
The contents of the Reset Configuration
Block depend on the CS8920’s intended
mode of operation and adapter
configuration. Following are examples of
typical Reset Configuration Blocks for
three different modes of operation: as a
legacy adapter, as a PnP adapter, and as a
PnP adapter with the Auto-wakeup feature
enabled.
3.2.2.1 Recommended Reset
Configuration Block for a Legacy
Adapter
Table 3.2 shows the recommended Reset
Configuration Block for a CS8920 adapter
installed in a legacy system. The definition
of a legacy system as used in this chapter is
any PC system that does not rely on a
function of PnP to automatically configure
and activate the adapter.
The default state of the CS8920 after an
ISA reset is inactive with its IO base
address set to 0x00. Therefore, the adapter
must be activated and the IO base address
set from the EEPROM after each ISA reset.
Note: In systems that have an
autoconfiguring PnP BIOS but an ESCD
database is not maintained or the BIOS
does not activate the adapter, it will be
necessary to manually configure the
CS8920 as if in a legacy system. However,
it may still be advantageous to leave the
PnP functions of the CS8920 enabled.
Addr
Word
Description
00h
B112h
PnP Disabled, 18 bytes follow
01h
2158h
3 words, start with PacketPage 158h (IA)
02h
0100h
Individual Address
03h
0302h
of
04h
0504h
000102030405h
05h
0360h
1 word to PacketPage 360h (IO Base)
06h
0003h
IO Base Address = 300h
07h
0330h
1 word to PacketPage 330h (RegActivate)
08h
0001h
Activate Adapter
09h
2B00h
Checksum of 20 bytes
Table 3.1. Reset Configuration Block
for Legacy System
This will allow the PnP BIOS or other
autoconfiguring components to be aware of
the CS8920 installed in the system and the
resources used by it. This will help insure
other PnP devices are not assigned
resources used by the CS8920. See section
3.4 for a discussion on manually
configuring the CS8920 using the PnP
resource tree.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com