Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 40Page - Cirrus Logic CS8920 Datasheet HTML 41Page - Cirrus Logic CS8920 Datasheet HTML 42Page - Cirrus Logic CS8920 Datasheet HTML 43Page - Cirrus Logic CS8920 Datasheet HTML 44Page - Cirrus Logic CS8920 Datasheet HTML 45Page - Cirrus Logic CS8920 Datasheet HTML 46Page - Cirrus Logic CS8920 Datasheet HTML 47Page - Cirrus Logic CS8920 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
AN84REV1
44
CS8920 Technical Reference Manual
Bits 3-0: Reserved (set to 0)
3.3.4 Boot PROM Memory Base
Bits 15-4: 12 MSB of Memory Base
Address
The twelve most significant bits of the 24-
bit address locating the base of the
CS8920’s PacketPage memory. The lower
twelve bits are assumed to be 0. Default is
0.
Bits 3-0: Reserved (set to 0)
3.3.5 Boot PROM Mask
Bits 15-4: 12 MSB of Boot PROM
Addr. Mask
Twelve-bit Boot PROM address mask. The
lower twelve bits are assumed to be 0.
Refer to the CS8920 Data Sheet for a
discussion of the Boot PROM mask.
Default is 0.
Bits 3-0: Reserved (set to 0)
3.3.6 Transmission Control
Bit 15: Force Full Duplex
Force transmission in full duplex mode
(10Base-T only). Default is disabled.
Bits 14-10: Reserved (set to 0)
Bit 9: NLP Enable
Enable normal link pulses (10Base-T only).
In effect, this forces transmission in half
duplex mode. Default is disabled.
Bit 8: AutoNeg Enable
Allow the CS8920 to auto-negotiate
between full duplex or half duplex if
connected to a hub capable of
autonegotiation (10Base-T only). Default
is enabled.
Bit 7: Allow FDX
Enable full duplex transmission if full
duplex capabilities are detected from
contents of fast link pulses. Default is
enabled.
Bit 6-0: Reserved (set to 0)
3.3.7 Adapter Configuration Word
Bit 15: Extended 10Base-2 Cable
Circuitry
Indicates the adapter has the required
circuitry to support operation over extended
length 10Base-2 cable. Default is not
present.
Bit 14: LoRx Squelch
Enable 10Base-T extended range feature
(reduce receive squelch threshold). Default
is disabled.
Bit 13: Polarity Correction Disable
Enable the CS8920 to automatically correct
the polarity of a connected 10Base-T
cable. Default is enabled.
Bits 12-11: Optimization Flags
Used to indicate the platform’s OS
configuration. Each driver configures the
CS8920 for optimum performance based on
the platform’s OS and driver architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com