Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 36Page - Cirrus Logic CS8920 Datasheet HTML 37Page - Cirrus Logic CS8920 Datasheet HTML 38Page - Cirrus Logic CS8920 Datasheet HTML 39Page - Cirrus Logic CS8920 Datasheet HTML 40Page - Cirrus Logic CS8920 Datasheet HTML 41Page - Cirrus Logic CS8920 Datasheet HTML 42Page - Cirrus Logic CS8920 Datasheet HTML 43Page - Cirrus Logic CS8920 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
AN84REV1
40
CS8920 Technical Reference Manual
Typically, transmission is enabled by the
MAC driver during its initialization stage.
3.2.2.4 BootPROM Considerations
In all cases, if a BootPROM is installed to
the CS8920 adapter, the adapter should be
activated from the Reset Configuration
Block. In legacy systems, the BootPROMs
base address and address mask must also
be loaded into PacketPage registers from
the Reset Configuration Block as shown in
Table 3.4.
Addr
Word
Description
...
...
...
07h
2340
3 words into PacketPage 340h
08h
800Ch
Base Address = 0C8000h
09h
FF00h
Use address lines [23:16], 8-bit device
0Ah
00C0h
Use address lines [15:14]
0Bh
0330h
1 word to PacketPage 330h (RegActivate)
0Ch
0001h
Activate Adapter
0Dh
XX00h
Checksum on 28 bytes
Table 3.4. Configuration of BootPROM
from Reset Configuration Block.
If the adapter is installed in a PnP system
with an autoconfiguring BIOS, the
BootPROM address and mask will be
assigned during the PnP configuration
sequence and should not be loaded from the
Reset Configuration Block.
3.2.2.5 Performance Considerations of
Reset Configuration Block
Software resets may occur frequently and
performance will be enhanced if chip re-
initialization takes as little time as possible.
Therefore, since EEPROM readout takes
approximately 25
µsec. per word, the
length of the Reset Configuration Block
should be kept to a minimum.
3.3 Format of the Driver
Configuration Block
The region of EEPROM addressed as word
addresses 1Ch to 34h is referred to as the
Driver Configuration Block. It is used by
the MAC driver to determine adapter
configuration information such as the
unique IEEE physical address , hardware
version, media capabilities, and bus
configuration (IRQ, DMA, and memory).
This region is called the Driver
Configuration Block.
Table 3.2 defines the format for the Driver
Configuration Block required for use with
MAC drivers provided by Crystal. Crystal
recommends all fields be initialized to their
default values before shipping the adapter.
Default values for each field are indicated
in sections 3.3.1 through 3.3.13. All
reserved fields should be set to zero.
Note: words 30h - 34h are also used as by
PnP as the Serial Identifier block for the
adapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com