Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 39Page - Cirrus Logic CS8920 Datasheet HTML 40Page - Cirrus Logic CS8920 Datasheet HTML 41Page - Cirrus Logic CS8920 Datasheet HTML 42Page - Cirrus Logic CS8920 Datasheet HTML 43Page - Cirrus Logic CS8920 Datasheet HTML 44Page - Cirrus Logic CS8920 Datasheet HTML 45Page - Cirrus Logic CS8920 Datasheet HTML 46Page - Cirrus Logic CS8920 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
AN84REV1
43
CS8920 Technical Reference Manual
3.3.1 IEEE Physical Address
The format of the 48-bit IEEE physical
address as expected by the MAC driver is
illustrated by the following example. (Must
be initialized by OEM before shipping
adapter.)
Example physical address:
000102030405h
Addr
Word
Description
1Ch
0100h
bits[39-32], bits[47-40] of IEEE addr.
1Dh
0302h
bits[23-16], bits[31-24] of IEEE addr.
1Eh
0504h
bits[7-0], bits[15-8] of IEEE addr.
3.3.2 ISA Configuration Flags
The ISA Configuration Flags specify how
the CS8920 will utilize ISA system
resources.
Bit 15: Memory Mode Flag
Indicates the CS8920 will use shared
memory for IO operations. Refer to the
CS8920 Data Sheet for description of
shared memory interface. Default is
disabled.
Bit 14: Boot PROM Flag
Indicates a Boot PROM is installed. Refer
the CS8920 Data Sheet for a discussion of
the Boot PROM . (Must be initialized by
OEM before shipping adapter.)
Bit 13: Reserved (set to 0)
Bit 12: DMA Burst
Refer to the CS8920 Data Sheet for a
discussion of DMA Burst control. Default
is enabled.
Bits 11-10: Reserved (set to 0)
Bit 9: DMA Buffer Size
Indicates whether the DMA buffer size
should be 16K or 64K. Refer to the
CS8920 Data Sheet for a discussion of
DMA Buffer size. Default is 16K.
Bit 8: IOCHRDY Enable
Refer to the CS8920 Data Sheet for a
discussion of IOCHRDY control. Default
is enabled.
Bit 7: UseSA
Refer to the CS8920 Data Sheet for a
discussion of UseSA control. Default is
enabled.
Bits 6-4: DMA Channel Select
Refer to the CS8920 Data Sheet for a
discussion of DMA channel selection for
the CS8920. Default is DRQ4 (disabled).
Bits 3-0: IRQ Channel Select
Refer to the CS8920 Data Sheet for a
discussion of IRQ channel selection for the
CS8920. Default is IRQ 10.
3.3.3 PacketPage Memory Base
Bits 15-4: 12 MSB of Memory Base
Address
The twelve most significant bits of the 24-
bit address locating the base of the
CS8920’s PacketPage memory. The lower
twelve bits are assumed to be 0. Default is
0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com