Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 57Page - Cirrus Logic CS8920 Datasheet HTML 58Page - Cirrus Logic CS8920 Datasheet HTML 59Page - Cirrus Logic CS8920 Datasheet HTML 60Page - Cirrus Logic CS8920 Datasheet HTML 61Page - Cirrus Logic CS8920 Datasheet HTML 62Page - Cirrus Logic CS8920 Datasheet HTML 63Page - Cirrus Logic CS8920 Datasheet HTML 64Page - Cirrus Logic CS8920 Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
AN84REV1
61
CS8920 Technical Reference Manual
1) Install the CS8920-based adapter
card into the PC. The adapter must
be installed before running the Setup
and Installation utility.
2) Boot the PC. If the PC is already
running and network device drivers
are loaded, restart the PC without
loading the network device drivers.
3) Place the “CS8900/CS8920 Setup
and Device Driver Software”
diskette in a floppy drive and change
to that drive.
4) At the DOS prompt, type: SETUP
The CS8920’s current configuration
is displayed. Hit the RETURN key
to get to the main menu.
5) Select “Adapter” (ALT-A) from the
main menu. Then select “Automatic
Setup” or “Manual Setup”.
Automatic Setup suggests a set of
system resources to use for the
hardware configuration. Manual
Setup lets you select and assign
individual system resources.
Additional information on using the
Setup and Installation Utility can be
found in the README.TXT file in the
root directory of the “CS8900/CS8920
Setup and Device Driver Software”
diskette.
4.2.2.1 EISA System Installation
An EISA configuration file is provided
in the root directory of the
“CS8900/CS8920 Setup and Device
Driver Software” diskette named
!CS89XX.CFG.
Run the EISA configuration utility
provided with your EISA PC and enter
the path to the !CS89XX.CFG file when
prompted. The utility will determine the
system resource assignments available
for that system. (Write down the
available resource settings). Next, run
the CS8920 Setup and Installation utility
and assign the hardware configuration
using the system resources reported by
the EISA configuration utility.
4.2.3 Testing the CS8920 Adapter
Once the adapter has been installed and
configured, the diagnostic option of the
Setup and Installation utility can be used
to test the functionality of the adapter
and the network connection. Use the
Diagnostics “Self Test” option to test the
functionality of the adapter with the
hardware configuration you have
assigned. You can use the diagnostics
“Network Test” to test the ability of the
adapter to communicate across the
Ethernet with another PC equipped with
a CS8920 adapter card (it must also be
running the Setup and Installation
utility).
To run the diagnostics tests on the
CS8920 adapter:
1) Boot the PC. If the PC is already
running and network device drivers
are loaded, restart the PC without
loading the network device drivers.
2) Place the “CS8900/CS8920 Setup
and Device Driver Software”
diskette in a driver and change to
that drive.
3) At the DOS prompt, type: SETUP
The CS8920’s current configuration
is displayed. Hit the RETURN key
to get to the main menu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com