Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 58Page - Cirrus Logic CS8920 Datasheet HTML 59Page - Cirrus Logic CS8920 Datasheet HTML 60Page - Cirrus Logic CS8920 Datasheet HTML 61Page - Cirrus Logic CS8920 Datasheet HTML 62Page - Cirrus Logic CS8920 Datasheet HTML 63Page - Cirrus Logic CS8920 Datasheet HTML 64Page - Cirrus Logic CS8920 Datasheet HTML 65Page - Cirrus Logic CS8920 Datasheet HTML 66Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
AN84REV1
63
CS8920 Technical Reference Manual
have the network test running. The first
PC is configured as a Responder and the
other PC is configured as an Initiator.
Once the Initiator is started, is sends
data frames to the Responder which
returns the frames to the Initiator.
The total number of frames received and
transmitted are displayed on the
Initiator’s display, along with a count of
the number of frames
received/transmitted OK in error. The
test can be terminated anytime by the
user at either PC.
To setup the Diagnostic Network Test:
1. Select a PC with a CS8920 and a
known working network connection
to act as the Responder. Run the
Setup and Installation utility and
select “Diagnostics/Network
Test/Responder” from the main
menu. Hit RETURN to start the
Responder.
2. Return to the PC with the CS8920
installed that you want to test, run
the Setup and Installation utility, and
select “Diagnostic/Network
Test/Initiator” from the main menu.
Hit RETURN to start the test
You may stop the test on the Initiator at
any time while allowing the Responder
to continue running. In this manner, you
can move to additional PCs and test
them by starting the Initiator on another
PC without having to stop/start the
Responder.
4.2.4 Installing Network Device
Drivers
A network device driver is required to
provide an interface between the
CS8920 adapter and your network
operating system. Installation
procedures for network device drivers
differ significantly for the various
network operating systems and can
change frequently. Therefore,
a README.TXT file for each specific
driver is included on the Driver diskette.
Refer to the README.TXT file for your
particular network operating system for
the most recent detailed installation
instructions. (A separate
README.TXT file exists for each
network operating system and is located
in the same subdirectory on the Driver
diskette as the device driver for that
operating system. See Figure 4.2.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com