Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 37Page - Cirrus Logic CS8920 Datasheet HTML 38Page - Cirrus Logic CS8920 Datasheet HTML 39Page - Cirrus Logic CS8920 Datasheet HTML 40Page - Cirrus Logic CS8920 Datasheet HTML 41Page - Cirrus Logic CS8920 Datasheet HTML 42Page - Cirrus Logic CS8920 Datasheet HTML 43Page - Cirrus Logic CS8920 Datasheet HTML 44Page - Cirrus Logic CS8920 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
AN84REV1
41
CS8920 Technical Reference Manual
Addr.
Description
Bit(s)
Function
1Ch
IA bits[39-32], bits[47-40]
15-0
IEEE individual node address
1Dh
IA bits[ 23-16], bits[31-24]
15-0
IEEE individual node address
1Eh
IA bits[ 7-0], bits[15-8]
15-0
IEEE individual node address
1Fh
ISA Configuration Flags
Memory Mode Flag
15
0 = memory mode disabled, 1 = memory mode enabled
Boot PROM Flag
14
0 = no Boot PROM, 1= Boot PROM installed
StreamTransfer
13
0 = disabled, 1 = enabled
DMA Burst
12
0 = disabled, 1 = enabled
RxDMA Only
11
0 = disabled, 1 = enabled
Auto RxDMA
10
0 = disabled, 1 = enabled
DMA Buffer Size
9
0 = 16K, 1 = 64K
IOCHRDY Enable
8
0 = disabled, 1 = enabled
Use SA
7
0 = disabled, 1 = enabled
DMA Channel
6-4
5 = DRQ5, 6 = DRQ6, etc. (same as PP_374) **
IRQ
3-0
10 = IRQ10, 5 = IRQ5, etc. (same as PP_370) **
20h
PacketPage Mem Base
15-4
12 MSBs of 24-bit address (lower 12 bits assumed = 0)
Reserved
3-0
Reserved for future use, set to 0
21h
Boot PROM Base
15-4
12 MSBs of 24-bit address (lower 12 bits assumed = 0)
Reserved
3-0
Reserved for future use, set to 0
22h
Boot PROM Mask
15-4
12 MSBs of 24-bit addr mask (lower 12 bits assumed = 0)
Reserved
3-0
Reserved for future use, set to 0
23h
AutoNegCTL
Force FDX
15
0 = Do not force FDX, 1 = Force FDX
Reserved
14-10
Reserved for future use, set to 0
NLP Enable
9
0 = disabled, 1 = enabled
AutoNeg Enable
8
0 = disabled, 1 = enabled
Allow FDX
7
0 = disabled, 1 = enabled
Reserved
6-0
Reserved for future use, set to 0
24h
Adapter Configuration
Ext. 10B-2 Cable Circuitry
15
0 = Not Present, 1 = Present
LoRx Squelch
14
0 = LoRx Squelch disabled, 1 = LoRx Squelch enabled
PolarityDis
13
0 = polarity correction enabled, 1= polarity correction disabled
Optimization Flags
12-11
00 = Server, 01 = DOS Client, 10 = Multi-OS Client



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com