Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 45Page - Cirrus Logic CS8920 Datasheet HTML 46Page - Cirrus Logic CS8920 Datasheet HTML 47Page - Cirrus Logic CS8920 Datasheet HTML 48Page - Cirrus Logic CS8920 Datasheet HTML 49Page - Cirrus Logic CS8920 Datasheet HTML 50Page - Cirrus Logic CS8920 Datasheet HTML 51Page - Cirrus Logic CS8920 Datasheet HTML 52Page - Cirrus Logic CS8920 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
AN84REV1
49
CS8920 Technical Reference Manual
;---------------------------------------------------------------
; Serial Identifier. This block is also defined in the Driver
; Configuration Block as words 30h to 34h.
;---------------------------------------------------------------
DB
0x0E
; Vendor ID bits 15-8
DB
0x63
; Vendor ID bits 7-0
DB
0x00
; Vendor ID bits 32-24
DB
0x40
; Vendor ID bits 23-16
DB
0x00
; Serial Number bits 7-0
DB
0x00
; Serial Number bits 15-8
DB
0x00
; Serial Number bits 23-16
DB
0x01
; Serial Number bits 31-24
DB
LFSR_ChkSum
; LFSR checksum on 8 preceding bytes
;---------------------------------------------------------------------
; PnP version number
;---------------------------------------------------------------------
DB
0x0A
; Small Item, PnP version
DB
0x10
; PnP version number
DB
0x10
; Vendor specific version number 1.0
;---------------------------------------------------------------
; Identifier String
;---------------------------------------------------------------
DB
0x82
; Large Item flag
DB
0x17
; Bits 7-0 of item’s length (fixed at 23 here)
DB
0x00
; Bits 15-8 of item’s length
DB
“CS8920 Ethernet Adapter” ;ASCII Identifier string
Figure 3.4.1. Example PnP Resource Data Record (part 1 of 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com