Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 38Page - Cirrus Logic CS8920 Datasheet HTML 39Page - Cirrus Logic CS8920 Datasheet HTML 40Page - Cirrus Logic CS8920 Datasheet HTML 41Page - Cirrus Logic CS8920 Datasheet HTML 42Page - Cirrus Logic CS8920 Datasheet HTML 43Page - Cirrus Logic CS8920 Datasheet HTML 44Page - Cirrus Logic CS8920 Datasheet HTML 45Page - Cirrus Logic CS8920 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
AN84REV1
42
CS8920 Technical Reference Manual
Wake-up Capable
10
0 = Wake-up not supported, 1=Wake-up supported
Wake-up Configured
9
0 = Not configured for Wake-up, 1 = Configured for Wake-up
Wake-up Enabled
8
0 = Wake-up Disabled, 1 = Wake-up Enabled (default)
DC/DC Converter Polarity
7
0 = Low enable, 1 = High enable (for 10Base-2)
Media Type in Use
6-5
0 = Auto Detect, 1 = 10Base-T, 2 = AUI, 3 = 10Base-2
Reserved
4
Reserved for future use, set to 0
HW Standby
3
0 = HW Standby not supported, 1 = HW Standby supported
10Base-2 Circuitry
2
0 = Not Present, 1 = Present
AUI Circuitry
1
0 = Not Present, 1 = Present
10Base-T Circuitry
0
0 = Not Present, 1 = Present
25h
Reserved
15-0
Reserved for future use, set to 0
26h
Reserved
15-0
Reserved for future use, set to 0
27h
Mfg Date
Year
15-9
e.g. 1011111b = 1995, 0000001b = 2001
Month
8-5
e.g. 1b = Jan, 1100b = Dec
Day
4-0
e.g. 1b = 1, 11111b = 31
28-2Ah
IEEE Individual Addr
47-0
Copy of words at 1C-1Eh
2Bh
Reserved
15-0
Reserved for future use, set to 0
2Ch
Reserved
15-0
Reserved for future use, set to 0
2Dh
Reserved
15-0
Reserved for future use, set to 0
2Eh
Reserved
15-0
Reserved for future use, set to 0
2Fh
Checksum
15-0
Word-wide checksum of words 1Ch to 2Fh (zero sum)
30h
EISA ID (low word)
15-0
EISA ID bits[ 7-0], EISA ID bits[15-8]
31h
EISA ID (high word)
15-0
EISA ID bits[ 23-16], EISA ID bits[31-24]
32h
Serial No (low word)
15-0
32-bit OEM assigned serial number, bits[15-8], bits[7-0]
33h
Serial No (high word)
15-0
32-bit OEM assigned serial number, bits[31-24], bits[23-16]
34h
Serial ID Checksum
Marker Byte - 0Ah
15-8
0Ah in high byte of checksum - start of PnP resources
LFSR Checksum
7-0
8-bit LFSR checksum of words 30h to 33h
Table 3.2. Format of EEPROM the Driver Configuration Block (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com