Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 32Page - Cirrus Logic CS8920 Datasheet HTML 33Page - Cirrus Logic CS8920 Datasheet HTML 34Page - Cirrus Logic CS8920 Datasheet HTML 35Page - Cirrus Logic CS8920 Datasheet HTML 36Page - Cirrus Logic CS8920 Datasheet HTML 37Page - Cirrus Logic CS8920 Datasheet HTML 38Page - Cirrus Logic CS8920 Datasheet HTML 39Page - Cirrus Logic CS8920 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
AN84REV1
36
CS8920 Technical Reference Manual
3.0 EEPROM-based Configuration
The CS8920 and media access control
(MAC) driver obtain configuration data
from a serial EEPROM connected via the
CS8920’s serial interface. This eliminates
the need for configuration jumpers or
switches on the ISA adapter or
motherboard.
3.1 Format of Configuration Data
Three types of configuration data are stored
in the EEPROM: configuration data
automatically loaded into the CS8920 after
each reset, configuration data used by the
MAC driver, and Plug and Play (PnP)
resource data.
00h
to
1Bh
Reset Configuration Block
1Ch
to
34h
Driver Configuration Block
35h
to
7Fh
PnP Resource Data
Figure 3.1 EEPROM Data Blocks
Each type of configuration data is grouped
together, organized as 16-bit words, in a
separate block of the EEPROM. The
arrangement and location of the three
blocks of configuration data are shown in
Figure 3.1.
3.2 Reset Configuration Block
After each reset (except EEPROM reset)
the CS8920 checks to see if an EEPROM is
connected. If an EEPROM is present, the
CS8920 automatically loads first block of
data stored in the EEPROM into its internal
registers. This block of data is referred to
as the Reset Configuration Block. It is
used to initialize the CS8920 after each
reset. If an EEPROM is not present (or a
checksum error indicates the Reset
Configuration Block is invalid) the CS8920
executes an EEPROM reset causing all
PacketPage registers to be loaded with their
default values.
Note: The default state of the CS8920
after an EEPROM reset is inactive (i.e., all
normal ISA bus IO to or from the CS8920
is disabled). Communication with the
CS8920 must then be established using the
Crystal auxiliary key written to the CS8920
via the PnP write-data port. Refer to
Section 3.5 for more information on using
the CS8920 auxiliary key and its use in
programming and initializing the
EEPROM.
3.2.1 Reset Configuration Block Format
The Reset Configuration Block must begin
at EEPROM word address 0x00 and can
vary in length up to a maximum of 28
words (word address 0x1B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com