Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8920 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS8920
Description  Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8920 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS8920 Datasheet HTML 35Page - Cirrus Logic CS8920 Datasheet HTML 36Page - Cirrus Logic CS8920 Datasheet HTML 37Page - Cirrus Logic CS8920 Datasheet HTML 38Page - Cirrus Logic CS8920 Datasheet HTML 39Page - Cirrus Logic CS8920 Datasheet HTML 40Page - Cirrus Logic CS8920 Datasheet HTML 41Page - Cirrus Logic CS8920 Datasheet HTML 42Page - Cirrus Logic CS8920 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
AN84REV1
39
CS8920 Technical Reference Manual
3.2.2.2 Recommended Reset
Configuration Block for a PnP Adapter
The Reset Configuration Block for an
adapter installed in a PnP system should
not assign an IO base address or activate
the adapter from the EEPROM. The
exception to this case is when a
BootPROM is installed on the adapter. If
the CS8920 is a boot device it must be
activated from the Reset Configuration
Block of the EEPROM after each reset.
Addr
Word
Description
00h
A10Ah
PnP enabled, 10 bytes follow
01h
2158h
3 words, start with PacketPage 158h (IA)
02h
0100h
03h
0302h
Individual Address of 000102030405h
04h
0504h
05h
CD00h
Checksum of 12 bytes
Table 3.2. Reset Configuration Block
for PnP System
3.2.2.3 PnP with Automatic Wakeup
Feature Enabled
The CS8920 can be configured to assert an
active-high signal on the EEWAKE pin
(pin 3) when a specific bit pattern is
detected by its receiver circuitry.
This pin can be connected to the system
board’s power management circuitry. Refer
to the CS8920 Data Sheet for more
information on the operation of the wakeup
feature.
To enable the wake-up feature of the
CS8920, the CS8920 must be configured to
receive frames across the ISA bus from the
appropriate LAN media after following a
reset. This requires specifying the media
type, enabling the receiver, and setting the
LineCTL register to enable the wake-up
function. Following is an example Reset
Configuration Block that would enable the
CS8920’s wakeup feature.
Addr
Word
Description
00h
A116h
PnP enabled, 22 bytes follow
01h
2158h
3 words, start with PacketPage 158h (IA)
02h
0100h
03h
0302h
Individual Address of 000102030405h
04h
0504h
05h
0112h
1 word to PacketPage 122h (LineCTL)
06h
8240h
Wakeup Enable, Detect media, RxOK
07h
0104h
1 word to PacketPage 104h (RxCTL)
08h
0D00h
Accept Rx Broadcast, IA, and OK
09h
011Ch
1 word to PPage 11Ch (AutoNegCTL)
0Ah
0100h
Enable Auto-negotiate
0Bh
BC00h
Checksum of 24 bytes
Table 3.3. Reset Configuration Block
for PnP System with Automatic Wakeup
Feature
Note: It is not necessary to configure the
adapter for the transmission of frames from
the Reset Configuration Block.
Furthermore, setting the TxOn bit of the
TxCTL register during the reset cycle will
cause the CS8920 to function improperly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com