Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 9 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 5Page - STMicroelectronics LPS35HW Datasheet HTML 6Page - STMicroelectronics LPS35HW Datasheet HTML 7Page - STMicroelectronics LPS35HW Datasheet HTML 8Page - STMicroelectronics LPS35HW Datasheet HTML 9Page - STMicroelectronics LPS35HW Datasheet HTML 10Page - STMicroelectronics LPS35HW Datasheet HTML 11Page - STMicroelectronics LPS35HW Datasheet HTML 12Page - STMicroelectronics LPS35HW Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LPS35HW
Mechanical and electrical specifications
DocID029129 Rev 1
9/48
Symbol
Parameter
Test condition
Min.
Typ. a
Max.
Unit
ODRT
Output temperature data rate
a
1
10
25
50
75
Hz
2.2
Electrical characteristics
VDD= 1.8 V, T = 25 °C, unless otherwise noted.
Table 4: Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ. b
Max.
Unit
VDD
Supply voltage
1.7
3.6
V
Vdd_IO
IO supply voltage
1.7
Vdd+0.1
V
Idd
Supply current
@ODR 1 Hz
LC_EN bit =0
15
µA
@ODR 1 Hz
LC_EN bit =1
3
IddPdn
Supply current in power-down mode
1
µA
1. Typical specifications are not guaranteed.
2.3
Communication interface characteristics
2.3.1
SPI serial peripheral interface
Subject to general operating conditions for Vdd and TOP.
Table 5: SPI slave timing values
Symbol
Parameter
Valuec
Unit
Min.
Max.
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
6
ns
th(CS)
CS hold time
8
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
a Output data rate is configured acting on ODR[2:0] in CTRL_REG1 (10h)
b Typical specifications are not guaranteed.
c Values are guaranteed at 10 MHz clock frequency for SPI with both 4 and 3 wires, based on characterization
results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com