Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 11 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 7Page - STMicroelectronics LPS35HW Datasheet HTML 8Page - STMicroelectronics LPS35HW Datasheet HTML 9Page - STMicroelectronics LPS35HW Datasheet HTML 10Page - STMicroelectronics LPS35HW Datasheet HTML 11Page - STMicroelectronics LPS35HW Datasheet HTML 12Page - STMicroelectronics LPS35HW Datasheet HTML 13Page - STMicroelectronics LPS35HW Datasheet HTML 14Page - STMicroelectronics LPS35HW Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
LPS35HW
Mechanical and electrical specifications
DocID029129 Rev 1
11/48
Symbol
Parameter
I2C standard
modea
I2C fast modeb
Unit
Min.
Max.
Min.
Max.
tr(SDA)
tr(SCL)
SDA and SCL rise time
1000
20+
0.1Cb(2)
300
ns
tf(SDA)
tf(SCL)
SDA and SCL fall time
300
20+ 0.1C
(2)
b
300
th(ST)
START condition hold time
4
0.6
µs
tsu(SR)
Repeated START condition setup
time
4.7
0.6
tsu(SP)
STOP condition setup time
4
0.6
tw(SP:SR)
Bus free time between STOP and
START condition
4.7
1.3
Figure 4: I2C slave timing diagram
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both ports.
SDA
SCL
tf(SDA)
tsu(SP)
tw(SCLL)
tsu(SDA)
tr(SDA)
tsu(SR)
th(ST)
tw(SCLH)
th(SDA)
tr(SCL)
tf(SCL)
tw(SP:SR)
START
REPEATED
START
STOP
START
GAMS20160304EC-1156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com