Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 20 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 16Page - STMicroelectronics LPS35HW Datasheet HTML 17Page - STMicroelectronics LPS35HW Datasheet HTML 18Page - STMicroelectronics LPS35HW Datasheet HTML 19Page - STMicroelectronics LPS35HW Datasheet HTML 20Page - STMicroelectronics LPS35HW Datasheet HTML 21Page - STMicroelectronics LPS35HW Datasheet HTML 22Page - STMicroelectronics LPS35HW Datasheet HTML 23Page - STMicroelectronics LPS35HW Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
FIFO
LPS35HW
20/48
DocID029129 Rev 1
4.7
Bypass-to-FIFO mode
In Bypass-to-FIFO mode (FIFO_CTRL(FMODE2:0) = '111'), data measurement storage
inside FIFO operates in FIFO mode when INT_SOURCE(IA) is equal to '1', otherwise FIFO
content is reset (Bypass mode). An interrupt generator can be set to the desired
configuration through INTERRUPT_CFG(0Bh).
The INTERRUPT_CFG (LIR) bit should be set to '1' in order to have latched interrupt.
Figure 12: Bypass-to-FIFO mode
4.8
Retrieving data from FIFO
FIFO data is read through PRESS_OUT_H(2Ah), PRESS_OUT_L(29h),
PRESS_OUT_XL(28h) and TEMP_OUT_H(2Ch), TEMP_OUT_L(2Bh) registers.
Each time data is read from the FIFO, the oldest data are placed in the
PRESS_OUT_H(2Ah), PRESS_OUT_L(29h), PRESS_OUT_XL(28h),TEMP_OUT_H(2Ch)
and TEMP_OUT_L(2Bh) registers and both single-read and read-burst operations can be
used. The reading address is automatically updated by the device and it rolls back to 28h
when register 2Ch is reached. In order to read all FIFO levels in a multiple byte reading,
160 bytes (5 output registers by 32 levels) must be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com