Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 24 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 20Page - STMicroelectronics LPS35HW Datasheet HTML 21Page - STMicroelectronics LPS35HW Datasheet HTML 22Page - STMicroelectronics LPS35HW Datasheet HTML 23Page - STMicroelectronics LPS35HW Datasheet HTML 24Page - STMicroelectronics LPS35HW Datasheet HTML 25Page - STMicroelectronics LPS35HW Datasheet HTML 26Page - STMicroelectronics LPS35HW Datasheet HTML 27Page - STMicroelectronics LPS35HW Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Digital interfaces
LPS35HW
24/48
DocID029129 Rev 1
6.3
I2C operation
The transaction on the bus is started through a START (ST) signal. A start condition is
defined as a HIGH-to-LOW transition on the data line while the SCL line is held HIGH. After
this has been transmitted by the master, the bus is considered busy. The next data byte
transmitted after the start condition contains the address of the slave in the first 7 bits and
the eighth bit tells whether the master is receiving data from the slave or transmitting data
to the slave. When an address is sent, each device in the system compares the first seven
bits after a start condition with its address. If they match, the device considers itself
addressed by the master.
The slave address (SAD) associated to the LPS35HW is 101110xb. The SDO/SA0pad can
be used to modify the less significant bit of the device address. If the SA0 pad is connected
to voltage supply, LSb is ‘1’ (address 1011101b), otherwise if the SA0 pad is connected to
ground, the LSb value is ‘0’ (address 1011100b). This solution permits to connect and
address two different LPS35HW devices to the same I²C lines.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line
during the acknowledge pulse. The receiver must then pull the data line LOW so that it
remains stable low during the HIGH period of the acknowledge clock pulse. A receiver
which has been addressed is obliged to generate an acknowledge after each byte of data
received.
The I2C embedded inside the ASIC behaves like a slave device and the following protocol
must be adhered to. After the start condition (ST) a slave address is sent, once a slave
acknowledge has been returned (SAK), an 8-bit sub-address will be transmitted (SUB): the
7 LSB represent the actual register address while the MSB has no meaning. The
IF_ADD_INC bit in CTRL2 register (11h) enables sub-address auto increment
(IF_ADD_INC is '1' by default), so if IF_ADD_INC = '1' the SUB (sub-address) will be
automatically increased to allow multiple data read/write.
The slave address is complet
ed with a Read/Write bit. If the bit is ‘1’ (Read), a repeated
START (SR) condition must be issued after the two sub-
address bytes; if the bit is ‘0’
(Write) the master will transmit to the slave with direction unchanged. Table 10:
"SAD+Read/Write patterns" explains how the SAD+read/write bit pattern is composed,
listing all the possible configurations.
Table 10: SAD+Read/Write patterns
Command
SAD[6:1]
SAD[0]=SA0
R/W
SAD+R/W
Read
101110
0
1
10111001 (B9h)
Write
101110
0
0
10111000 (B8h)
Read
101110
1
1
10111011 (BBh)
Write
101110
1
0
10111010 (BAh)
Table 11: Transfer when master is writing one byte to slave
Master
ST
SAD +W
SUB
DATA
SP
Slave
SAK
SAK
SAK
Table 12: Transfer when master is writing multiple bytes to slave
Master
ST
SAD+ W
SUB
DATA
DATA
SP
Slave
SAK
SAK
SAK
SAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com