Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 38 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 34Page - STMicroelectronics LPS35HW Datasheet HTML 35Page - STMicroelectronics LPS35HW Datasheet HTML 36Page - STMicroelectronics LPS35HW Datasheet HTML 37Page - STMicroelectronics LPS35HW Datasheet HTML 38Page - STMicroelectronics LPS35HW Datasheet HTML 39Page - STMicroelectronics LPS35HW Datasheet HTML 40Page - STMicroelectronics LPS35HW Datasheet HTML 41Page - STMicroelectronics LPS35HW Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Register description
LPS35HW
38/48
DocID029129 Rev 1
8.12
RPDS_L_18h
Pressure offset (LSB data)
Table 28: RPDS_L (18h) register
7
6
5
4
3
2
1
0
RPDS7
RPDS6
RPDS5
RPDS4
RPDS3
RPDS2
RPDS1
RPDS0
RPDS[7:0]
This register contains the low part of the pressure offset value.
If, after the soldering of the component, a residual offset is still present, it can be removed
with a one-point calibration.
After the soldering, the measured offset can be stored in the Section 10.13:
"RPDS_H_19h" and Section 10.12: "RPDS_L_18h" registers and automatically subtracted
from the pressure output registers: the output pressure register PRESS_OUT (28h, 29h
and 2Ah) is provided as the difference between the measured pressure and the content of
the register 256*RPDS (18h, 19h)*.
*DIFF_EN = '0', AUTOZERO = '0', AUTORIFP = '0'
8.13
RPDS_H_19h
Pressure offset (MSB data)
Table 29: RPDS_H (19h) register
7
6
5
4
3
2
1
0
RPDS15
RPDS14
RPDS13
RPDS12
RPDS11
RPDS10
RPDS9
RPDS8
RPDS[15:8]
This register contains the high part of the pressure offset value.
Refer to Section 10.12: "RPDS_L_18h"
8.14
RES_CONF_1Ah
Low-power mode configuration
Table 30: RES_CONF (1Ah) register
7
6
5
4
3
2
1
0
0 (1)
0(1)
0(1)
0(1)
0(1)
0(1)
Reserved (2)
LC_EN
Notes:
(1)These bits must be set to ‘0’ for proper operation of the device.
(2)The content of this bit must not be modified for proper operation of the device
LC_EN (1)
Low current mode enable. Default 0.
0: Normal mode (low-noise mode); 1: Low-current mode).
Notes:
(1)The LC_EN bit must be changed only with the device in power down and not during operation. Once LC_EN bit
is configured, it affects both One-shot mode and Continuous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com