Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 40 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 36Page - STMicroelectronics LPS35HW Datasheet HTML 37Page - STMicroelectronics LPS35HW Datasheet HTML 38Page - STMicroelectronics LPS35HW Datasheet HTML 39Page - STMicroelectronics LPS35HW Datasheet HTML 40Page - STMicroelectronics LPS35HW Datasheet HTML 41Page - STMicroelectronics LPS35HW Datasheet HTML 42Page - STMicroelectronics LPS35HW Datasheet HTML 43Page - STMicroelectronics LPS35HW Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Register description
LPS35HW
40/48
DocID029129 Rev 1
FTH
OVRN
FSS5
FSS4
FSS3
FSS2
FSS1
FSS0
Description
1
1
1
0
0
0
0
0
At least one sample have been
overwritten
Notes:
(1)When the number of unread samples in FIFO is greater than the threshold level set in register Section 10.8:
"FIFO_CTRL (14h)", FTH value is ‘1’.
8.17
STATUS_27h
Status register
Table 34: STATUS (27h) register
7
6
5
4
3
2
1
0
--
--
T_OR
P_OR
--
--
T_DA
P_DA
T_OR
Temperature data overrun.
(0: no overrun has occurred;
1: a new data for temperature has overwritten the previous one)
P_OR
Pressure data overrun.
(0: no overrun has occurred;
1: new data for pressure has overwritten the previous one)
T_DA
Temperature data available.
(0: new data for temperature is not yet available;
1: new data for temperature is available)
P_DA
Pressure data available.
(0: new data for pressure is not yet available;
1: new data for pressure is available)
This register is updated every ODR cycle.
8.18
PRESS_OUT_XL_28h
Pressure output value (LSB)
Table 35: PRESS_OUT_XL (28h) register
7
6
5
4
3
2
1
0
POUT7
POUT6
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
POUT[7:0]
This register contains the low part of the pressure output value.
The pressure output value is a 24-bit data that contains the measured pressure. It is
composed of Section 10.20: "PRESS_OUT_H_2Ah", Section 10.19: "PRESS_OUT_L_29h"
and Section 10.18: "PRESS_OUT_XL_28h"
. The value is expressed as 2’s complement.
The output pressure register PRESS_OUT is provided as the difference between the
measured pressure and the content of the register RPDS (18h, 19h)*.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com