Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 34 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 30Page - STMicroelectronics LPS35HW Datasheet HTML 31Page - STMicroelectronics LPS35HW Datasheet HTML 32Page - STMicroelectronics LPS35HW Datasheet HTML 33Page - STMicroelectronics LPS35HW Datasheet HTML 34Page - STMicroelectronics LPS35HW Datasheet HTML 35Page - STMicroelectronics LPS35HW Datasheet HTML 36Page - STMicroelectronics LPS35HW Datasheet HTML 37Page - STMicroelectronics LPS35HW Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Register description
LPS35HW
34/48
DocID029129 Rev 1
Once the additional low pass filter has been enable through the EN_LPFP bit, it is possible
to configure the device bandwidth acting on LPFP_CFG bit. Refer to Table 20: "Low-pass
filter configurations".
Table 20: Low-pass filter configurations
EN_LPFP
LPFP_CFG
Additional low pass filter status
Device bandwidth
0
x
Disabled
ODR/2
1
0
Enabled
ODR/9
1
1
Enabled
ODR/20
The BDU bit is used to inhibit the update of the output registers between the reading of
upper and lower register parts. In default mode (BDU = ‘0’), the lower and upper register
parts are updated continuously. When the BDU is activated (BDU = ‘1’), the content of the
output registers is not updated until PRESS_OUT_H is read, avoiding the reading of values
related to different samples.
8.6
CTRL_REG2 (11h)
Control register 2
7
6
5
4
3
2
1
0
BOOT
FIFO_EN
STOP_ON_FTH
IF_ADD_INC
I2C_DIS
SWRESET
0a
ONE_SHOT
BOOT
Reboot memory content. Default value: 0.
(0: normal mode; 1: reboot memory content). The bit is self-cleared when the
BOOT is completed.
FIFO_EN
FIFO enable. Default value: 0.(0: disable; 1: enable)
STOP_ON_FTH
Stop on FIFO threshold. Enable FIFO watermark level use. Default value 0 (0:
disable; 1: enable)
IF_ADD_INC
Register address automatically incremented during a multiple byte access with a
serial interface (I2C or SPI). Default value 1.
(0: disable; 1enable)
I2C_DIS
Disable I2C interface. Default value 0. (0: I2C enabled;1: I2C disabled)
SWRESET
Software reset. Default value: 0.
(0: normal mode; 1: software reset).
The bit is self-cleared when the reset is completed.
ONE_SHOT
One-shot enable. Default value: 0.
(0: idle mode; 1: anew dataset is acquired)
The BOOT bit is used to refresh the content of the internal registers stored in the Flash
memory block. At device power-up the content of the Flash memory block is transferred to
the internal registers related to the trimming functions to allow correct behavior of the
device itself. If for any reason the content of the trimming registers is modified, it is
s
ufficient to use this bit to restore the correct values. When the BOOT bit is set to ‘1’, the
content of the internal Flash is copied inside the corresponding internal registers and is
used to calibrate the device. These values are factory trimmed and they are different for
a This bit must be set to ‘0’ for proper operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com