Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 31 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 27Page - STMicroelectronics LPS35HW Datasheet HTML 28Page - STMicroelectronics LPS35HW Datasheet HTML 29Page - STMicroelectronics LPS35HW Datasheet HTML 30Page - STMicroelectronics LPS35HW Datasheet HTML 31Page - STMicroelectronics LPS35HW Datasheet HTML 32Page - STMicroelectronics LPS35HW Datasheet HTML 33Page - STMicroelectronics LPS35HW Datasheet HTML 34Page - STMicroelectronics LPS35HW Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
LPS35HW
Register description
DocID029129 Rev 1
31/48
8
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
pressure and temperature data. The register address, made up of 7 bits, is used to identify
them and to read/write the data through the serial interface.
8.1
INTERRUPT_CFG (0Bh)
Table 16: INTERRUPT_CFG (0Bh) register
7
6
5
4
3
2
1
0
AUTORIFP
RESET_ARP
AUTOZERO
RESET_AZ
DIFF_EN
LIR
PLE
PHE
AUTORIFP
AUTORIFP: AutoRifP function enable. Default value: 0. (0: normal mode; 1:AutoRifP
enabled)
RESET_ARP
Reset AutoRifP function. Default value: 0.(0: normal mode; 1: reset AutoRifP
function)
AUTOZERO
Autozero enable. Default value: 0.
(0: normal mode; 1:Autozero enabled)
RESET_AZ
Reset Autozero function. Default value: 0. (0: normal mode; 1: reset Autozero
function)
DIFF_EN
Interrupt generation enable. Default value: 0
(0: interrupt generation disabled; 1: interrupt generation enabled)
LIR
Latch interrupt request to the INT_SOURCE register. Default value: 0. (0: interrupt
request not latched; 1: interrupt request latched)
PLE
Enable interrupt generation on differential pressure low event. Default value: 0.(0:
disable interrupt request; 1: enable interrupt request on measured differential
pressure value lower than preset threshold)
PHE
Enable interrupt generation on differential pressure high event. Default value: 0. (0:
disable interrupt request; 1: enable interrupt request on measured differential
pressure value higher than preset threshold)
To generate an interrupt event based on a user defined threshold, DIFF_EN bit must be set
to '1' and the threshold values stored in THS_P_L (0Ch) and THS_P_H (0Dh).
When DIFF_EN = '1', PHE bit or PLE bit or both bits have to be enabled. PHE and PLE bits
enable the interrupt generation on the positive or negative event respectively.
When DIFF_EN is enabled and AUTOZERO or AUTORIFP is enabled, the defined
pressure threshold values in THS_P (0Ch, 0Dh) is compared with:
P_DIFF_IN=measured pressure - pressure reference
The value of pressure reference is assigned depending on the AUTOZERO and
AUTORIFP modes reported in the next two paragraphs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com