Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 21 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 17Page - STMicroelectronics LPS35HW Datasheet HTML 18Page - STMicroelectronics LPS35HW Datasheet HTML 19Page - STMicroelectronics LPS35HW Datasheet HTML 20Page - STMicroelectronics LPS35HW Datasheet HTML 21Page - STMicroelectronics LPS35HW Datasheet HTML 22Page - STMicroelectronics LPS35HW Datasheet HTML 23Page - STMicroelectronics LPS35HW Datasheet HTML 24Page - STMicroelectronics LPS35HW Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
LPS35HW
Application hints
DocID029129 Rev 1
21/48
5
Application hints
Figure 13: LPS35HW electrical connections (top view)
The device power supply must be provided through the VDD line; power supply decoupling
capacitor C1 (100 nF) must be placed as near as possible to the supply pads of the device.
Depending on the application, an additional capacitor of 4.7 µF could be placed on VDD
line.The functionality of the device and the measured data outputs are selectable and
accessible through the I²C/SPI interface. When using the I2C, CS must be tied to Vdd_IO.
All the voltage and ground supplies must be present at the same time to have proper
behavior of the IC (refer to Figure 13: "LPS35HW electrical connections (top view)"). It is
possible to remove VDD while maintaining Vdd_IO without blocking the communication
bus, in this condition the measurement chain is powered off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com