Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 13 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 9Page - STMicroelectronics LPS35HW Datasheet HTML 10Page - STMicroelectronics LPS35HW Datasheet HTML 11Page - STMicroelectronics LPS35HW Datasheet HTML 12Page - STMicroelectronics LPS35HW Datasheet HTML 13Page - STMicroelectronics LPS35HW Datasheet HTML 14Page - STMicroelectronics LPS35HW Datasheet HTML 15Page - STMicroelectronics LPS35HW Datasheet HTML 16Page - STMicroelectronics LPS35HW Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
LPS35HW
Functionality
DocID029129 Rev 1
13/48
3
Functionality
The LPS35HW is a high resolution, digital output pressure sensor packaged in an HLGA
full- mold package. The complete device includes a sensing element based on a
piezoresistive Wheatstone bridge approach, and an IC interface which communicates a
digital signal from the sensing element to the application.
3.1
Sensing element
An ST proprietary process is used to obtain a silicon membrane for MEMS pressure
sensors. When pressure is applied, the membrane deflection induces an imbalance in the
Wheatstone bridge piezoresistances whose output signal is converted by the IC interface.
3.2
IC interface
The complete measurement chain is composed of a low-noise amplifier which converts the
resistance unbalance of the MEMS sensors (pressure and temperature) into an analog
voltage using an analog-to-digital converter. The pressure and temperature data may be
accessed through an I²C/SPI interface thus making the device particularly suitable for direct
interfacing with a microcontroller. The LPS35HW features a Data-Ready signal which
indicates when a new set of measured pressure and temperature data are available, thus
simplifying data synchronization in the digital system that uses the device.
3.3
Factory calibration
The trimming values are stored inside the device in a non-volatile structure. When the
device is turned on, the trimming parameters are downloaded into the registers to be
employed during the normal operation which allows the device to be used without requiring
any further calibration.
3.4
How to interpret pressure readings
The pressure data are stored 3 registers: PRESS_OUT_H (2Ah), PRESS_OUT_L (29h),
and PRESS_OUT_XL (28h). The value is expressed as 2’s complement. To obtain the
pressure in hPa, take the two’s complement of the complete word and then divide by
4096LSB/hPa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com