Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 32 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 28Page - STMicroelectronics LPS35HW Datasheet HTML 29Page - STMicroelectronics LPS35HW Datasheet HTML 30Page - STMicroelectronics LPS35HW Datasheet HTML 31Page - STMicroelectronics LPS35HW Datasheet HTML 32Page - STMicroelectronics LPS35HW Datasheet HTML 33Page - STMicroelectronics LPS35HW Datasheet HTML 34Page - STMicroelectronics LPS35HW Datasheet HTML 35Page - STMicroelectronics LPS35HW Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Register description
LPS35HW
32/48
DocID029129 Rev 1
Figure 20: "Threshold based" interrupt event
If AUTOZERO bit is set to '1', the measured pressure is used as reference on the register
REF_P (15h, 16h and 17h). From now on, the output pressure registers PRESS_OUT
(PRESS_OUT_H(2Ah), PRESS_OUT_L(29h) and PRESS_OUT_XL(28h)) are updated
and the same value is also used for the interrupt generation: PRESS_OUT = measured
pressure - REF_P
After the first conversion AUTOZERO bit is automatically set to '0'. To return back to
normal mode, RESET_AZ bit has to be set to '1'. This reset also the content of the REF_P
registers. If AUTORIFP bit is set to '1', the measured pressure is used as reference on the
register REF_P (15h, 16h and 17h). The output registers PRESS_OUT
(PRESS_OUT_H(2Ah), PRESS_OUT_L(29h) and PRESS_OUT_XL(28h)) show the
difference between the measured pressure and the content of the RPDS registers (18h and
19h): PRESS_OUT = measured pressure - RPDS*256
After the first conversion AUTORIFP bit is automatically set to '0'. To return back to normal
mode, RESET_ARP bit has to be set to '1'.
8.2
THS_P_L (0Ch)
Least significant bits of the threshold value for pressure interrupt generation.
8.3
THS_P_H (0Dh)
Most significant bits of the threshold value for pressure interrupt generation.
7
6
5
4
3
2
1
0
THS15
THS14
THS13
THS12
THS11
THS10
THS9
THS8
THS[15:8]
This register contains the high part of threshold value for pressure interrupt generation.
Refer to Section 10.2: "THS_P_L (0Ch)"
8.4
WHO_AM_I
Device Who am I
Table 17: WHO_AM_I register
7
6
5
4
3
2
1
0
1
0
1
1
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com