Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 35 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 31Page - STMicroelectronics LPS35HW Datasheet HTML 32Page - STMicroelectronics LPS35HW Datasheet HTML 33Page - STMicroelectronics LPS35HW Datasheet HTML 34Page - STMicroelectronics LPS35HW Datasheet HTML 35Page - STMicroelectronics LPS35HW Datasheet HTML 36Page - STMicroelectronics LPS35HW Datasheet HTML 37Page - STMicroelectronics LPS35HW Datasheet HTML 38Page - STMicroelectronics LPS35HW Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
LPS35HW
Register description
DocID029129 Rev 1
35/48
every device. They allow correct behavior of the device and normally they should not be
changed. At the end of the boot process the BOOT bit is set again to ‘0’ by hardware. The
BOOT bit takes effect after one ODR clock cycle.
SWRESET is the software reset bit. The following device registers (INTERRUPT_CFG,
THS_P_L, THS_P_H, CTRL_REG1, CTRL_REG2, CTRL_REG3, FIFO_CTRL,
RIF_P_XL,RIF_P_L,RIF_P_H) are reset to the default value if the SWRESET bit is set to
'1'. SWRESET bit comes back to '0' by hardware.
The ONE_SHOT bit is used to start a new conversion when the ODR[2,0] bits in
CTRL_REG1(10h)are set to ‘000’. Writing a ‘1’ in ONE_SHOT triggers a single
measurement of pressure and temperature. Once the measurement is done, the
ONE_SHOT bit will self-clear, the new data are available in the output registers, and the
STATUS_REG bits are updated.
8.7
CTRL_REG3 (12h)
Control register 3 - INT_DRDY pin control register
Table 21: CTRL_REG3 (12h) register
7
6
5
4
3
2
1
0
INT_H_L
PP_OD
F_FSS5
F_FTH
F_OVR
DRDY
INT_S2
INT_S1
INT_H_L
Interrupt active-high/low. Default value: 0.(0: active high; 1: active low)
PP_OD
Push-pull/open drain selection on interrupt pads. Default value: 0. (0: push-pull; 1: open
drain)
F_FSS5
FIFO full flag on INT_DRDY pin. Default value: 0. (0: Disable; 1: Enable)
F_FTH
FIFO threshold (Watermark) status on INT_DRDY pin. Default value: 0. (0: Disable; 1:
Enable)
F_OVR
FIFO overrun interrupt on INT_DRDY pin. Default value: 0. (0: Disable; 1: Enable)
DRDY
Data-ready signal on INT_DRDY pin. Default value: 0. (0: Disable; 1: Enable)
INT_S[2:1]
Data signal on INT_DRDY pin control bits. Default value: 00. Refer to Table 22:
"Interrupt configurations".
Table 22: Interrupt configurations
INT_S2
INT_S1
INT_DRDY pin configuration
0
0
Data signal (in order of priority: PTH_DRDY or F_FTH or
F_OVR or F_FSSS5
0
1
Pressure high (P_high)
1
0
Pressure low (P_low)
1
1
Pressure low OR high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com