Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 36 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 32Page - STMicroelectronics LPS35HW Datasheet HTML 33Page - STMicroelectronics LPS35HW Datasheet HTML 34Page - STMicroelectronics LPS35HW Datasheet HTML 35Page - STMicroelectronics LPS35HW Datasheet HTML 36Page - STMicroelectronics LPS35HW Datasheet HTML 37Page - STMicroelectronics LPS35HW Datasheet HTML 38Page - STMicroelectronics LPS35HW Datasheet HTML 39Page - STMicroelectronics LPS35HW Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Register description
LPS35HW
36/48
DocID029129 Rev 1
Figure 21: Interrupt events on INT_DRDY pin
8.8
FIFO_CTRL (14h)
FIFO control register
Table 23: CTRL_REG3 (12h) register
7
6
5
4
3
2
1
0
F_MODE2
F_MODE1
F_MODE0
WTM4
WTM3
WTM2
WTM1
WTM0
F_MODE[2:0]
FIFO mode selection. Default value: 000.
Refer to Table 24: "FIFO mode selection"and Section 6: "FIFO" for additional details.
WTM[4:0]
FIFO watermark level selection.
Table 24: FIFO mode selection
F_MODE2
F_MODE1
F_MODE0
FIFO mode selection
0
0
0
Bypass mode
0
0
1
FIFO mode
0
1
0
Stream mode
0
1
1
Stream-to-FIFO mode
1
0
0
Bypass-to-Stream mode
1
0
1
Reserved
1
1
0
Dynamic-Stream mode
1
1
1
Bypass-to-FIFO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com