Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 37 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 33Page - STMicroelectronics LPS35HW Datasheet HTML 34Page - STMicroelectronics LPS35HW Datasheet HTML 35Page - STMicroelectronics LPS35HW Datasheet HTML 36Page - STMicroelectronics LPS35HW Datasheet HTML 37Page - STMicroelectronics LPS35HW Datasheet HTML 38Page - STMicroelectronics LPS35HW Datasheet HTML 39Page - STMicroelectronics LPS35HW Datasheet HTML 40Page - STMicroelectronics LPS35HW Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
LPS35HW
Register description
DocID029129 Rev 1
37/48
8.9
REF_P_XL (15h)
Reference pressure (LSB data)
Table 25: REF_P_XL (15h) register
7
6
5
4
3
2
1
0
REFL7
REFL6
REFL5
REFL4
REFL3
REFL2
REFL1
REFL0
REFL[7:0]
This register contains the low part of the reference pressure value.
The Reference pressure value is a 24-bit data and it is composed of Section 10.11:
"REF_P_H_17h", Section 10.10: "REF_P_L_16h" and Section 10.9: "REF_P_XL (15h)".
The value is expressed as 2’s complement.
The reference pressure value is used when AUTOZERO or AUTORIFP function is
enabled(refer to the Section 10.7: "CTRL_REG3 (12h)" register) and for the Autozero
function (refer to the Section 10.1: "INTERRUPT_CFG (0Bh)" register).
8.10
REF_P_L_16h
Reference pressure (middle part)
Table 26: REF_P_L (16h) register
7
6
5
4
3
2
1
0
REFL15
REFL14
REFL13
REFL12
REFL11
REFL10
REFL9
REFL8
REFL[15:8]
This register contains the mid part of the reference pressure value.
Refer to Section 10.9: "REF_P_XL (15h)".
8.11
REF_P_H_17h
Reference pressure (MSB part)
Table 27: REF_P_H (17h) register
7
6
5
4
3
2
1
0
REFL23
REFL22
REFL21
REFL20
REFL19
REFL18
REFL17
REFL16
REFL[23:16]
This register contains the high part of the reference pressure value.
Refer to Section 10.9: "REF_P_XL (15h)".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com