Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS35HW Datasheet(PDF) 25 Page - STMicroelectronics

Part # LPS35HW
Description  Embedded temperature compensation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS35HW Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LPS35HW Datasheet HTML 21Page - STMicroelectronics LPS35HW Datasheet HTML 22Page - STMicroelectronics LPS35HW Datasheet HTML 23Page - STMicroelectronics LPS35HW Datasheet HTML 24Page - STMicroelectronics LPS35HW Datasheet HTML 25Page - STMicroelectronics LPS35HW Datasheet HTML 26Page - STMicroelectronics LPS35HW Datasheet HTML 27Page - STMicroelectronics LPS35HW Datasheet HTML 28Page - STMicroelectronics LPS35HW Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
LPS35HW
Digital interfaces
DocID029129 Rev 1
25/48
Table 13: Transfer when master is receiving (reading) one byte of data from slave
Master
ST
SAD+ W
SUB
SR
SAD+ R
NMAK
SP
Slave
SAK
SAK
SAK
DATA
Table 14: Transfer when master is receiving (reading) multiple bytes of data from slave
Mast
er
S
T
SAD+
W
SU
B
S
R
SAD+
R
MA
K
MA
K
NMA
K
S
P
Slave
SA
K
SA
K
SA
K
DAT
A
DAT
A
DAT
A
Data are transmitted in byte format (DATA). Each data transfer contains 8 bits. The number
of bytes transferred per transfer is unlimited. Data is transferred with the most significant bit
(MSb) first. If a receiver can’t receive another complete byte of data until it has performed
some other functions, it can hold the clock line, SCL LOW to force the transmitter into a
wait state. Data transfer only continues when the receiver is ready for another byte and
releases the data line. If a slave receiver does not acknowledge the slave address (i.e. it is
not able to receive because it is performing some real-time function) the data line must be
kept HIGH by the slave. The master can then abort the transfer. A LOW-to-HIGH transition
on the SDA line while the SCL line is HIGH is defined as a STOP condition. Each data
transfer must be terminated by the generation of a STOP (SP) condition.
In order to read multiple bytes incrementing the register address, it is necessary to assert
the most significant bit of the sub-address field. In other words, SUB(7) must be equal to 1
while SUB(6-0) represents the address of the first register to be read.
In the presented communication format MAK is Master acknowledge and NMAK is no
master acknowledge.
6.4
SPI bus interface
The LPS35HW SPI is a bus slave. The SPI allows writing to and reading from the registers
of the device.The serial interface interacts with the outside world with 4 wires: CS, SPC,
SDI and SDO.
Figure 14: Read and write protocol
CS is the serial port enable and it is controlled by the SPI master. It goes low at the start of
the transmission and returns to high at the end. SPC is the serial port clock and it is
controlled by the SPI master. It is stopped high when CS is high (no transmission). SDI and
SDO are respectively the serial port data input and output. Those lines are driven at the
falling edge of SPC and should be captured at the rising edge of SPC. Both the read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com