Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 133 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 133 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 129Page - Silicon Laboratories EM351-RTR Datasheet HTML 130Page - Silicon Laboratories EM351-RTR Datasheet HTML 131Page - Silicon Laboratories EM351-RTR Datasheet HTML 132Page - Silicon Laboratories EM351-RTR Datasheet HTML 133Page - Silicon Laboratories EM351-RTR Datasheet HTML 134Page - Silicon Laboratories EM351-RTR Datasheet HTML 135Page - Silicon Laboratories EM351-RTR Datasheet HTML 136Page - Silicon Laboratories EM351-RTR Datasheet HTML 137Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 241 page
background image
133
Rev 1.3
9.3.10. One-Pulse Mode
One-pulse mode (OPM) is a special case of the previous modes. It allows the counter to be started in response to
a stimulus and to generate a pulse with a programmable length after a programmable delay.
Starting the counter can be controlled through the slave mode controller. Generating the waveform can be done in
output compare mode or PWM mode. Select OPM by setting the TIM_OPM bit in the TIMx_CR1 register. This
makes the counter stop automatically at the next UEV.
A pulse can be correctly generated only if the compare value is different from the counter initial value. Before
starting (when the timer is waiting for the trigger), the configuration must be:
In up-counting: TIMx_CNT < TIMx_CCRy ? TIMx_ARR (in particular, 0 < TIMx_CCRy),
In down-counting: TIMx_CNT > TIMx_CCRy.
For example, to generate a positive pulse on OC1 with a length of tPULSE and after a delay of tDELAY as soon as
a rising edge is detected on the TI2 input pin, using TI2FP2 as trigger 1:

Map TI2FP2 on TI2: Write TIM_IC2S = 01 in the TIMx_CCMR1 register.

TI2FP2 must detect a rising edge. Write TIM_CC2P = 0 in the TIMx_CCER register.

Configure TI2FP2 as trigger for the slave mode controller (TRGI): Write TIM_TS = 110 in the TIMx_SMCR
register.

Use TI2FP2 to start the counter: Write TIM_SMS to 110 in the TIMx_SMCR register (trigger mode).

The OPM waveform is defined: Write the compare registers, taking into account the clock frequency and
the counter prescaler.

The tDELAY is defined by the value written in the TIMx_CCR1 register.

The tPULSE is defined by the difference between the auto-reload value and the compare value (TIMx_ARR -
TIMx_CCR1).

To build a waveform with a transition from 0 to 1 when a compare match occurs and a transition from 1 to 0
when the counter reaches the auto-reload value:

Enable PWM mode 2: Write TIM_OC1M = 111 in the TIMx_CCMR1 register.

Optionally, enable the buffer registers: Write TIM_OC1BE = 1 in the TIMx_CCMR1 register and TIM_ARBE in the
TIMx_CR1 register. In this case, also write the compare value in the TIMx_CCR1 register, the auto-reload value in
the TIMx_ARR register, generate an update by setting the TIM_UG bit, and wait for external trigger event on TI2.
TIM_CC1P is written to 0 in this example.
In the example, the TIM_DIR and TIM_CMS bits in the TIMx_CR1 register should be low.
Since only one pulse is desired, software should set the TIM_OPM bit in the TIMx_CR1 register to stop the counter
at the next UEV (when the counter rolls over from the auto-reload value back to 0).
Figure 9.24 illustrates this example.
Figure 9.24. Example of One Pulse Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com