Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 135 Page - Silicon Laboratories

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM351-RTR Datasheet(HTML) 135 Page - Silicon Laboratories

Back Button EM351-RTR Datasheet HTML 131Page - Silicon Laboratories EM351-RTR Datasheet HTML 132Page - Silicon Laboratories EM351-RTR Datasheet HTML 133Page - Silicon Laboratories EM351-RTR Datasheet HTML 134Page - Silicon Laboratories EM351-RTR Datasheet HTML 135Page - Silicon Laboratories EM351-RTR Datasheet HTML 136Page - Silicon Laboratories EM351-RTR Datasheet HTML 137Page - Silicon Laboratories EM351-RTR Datasheet HTML 138Page - Silicon Laboratories EM351-RTR Datasheet HTML 139Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 241 page
background image
135
Rev 1.3
Figure 9.25 gives an example of counter operation, showing count signal generation and direction control. It also
shows how input jitter is compensated for when both inputs are used for counting. This might occur if the sensor is
positioned near one of the switching points. This example assumes the following configuration:

TIM_CC1S = 01 (TIMx_CCMR1 register, IC1FP1 mapped on TI1).

TIM_CC2S = 01 (TIMx_CCMR2 register, IC2FP2 mapped on TI2).

TIM_CC1P = 0 (TIMx_CCER register, IC1FP1 non-inverted, IC1FP1 = TI1).

TIM_CC2P = 0 (TIMx_CCER register, IC2FP2 non-inverted, IC2FP2 = TI2).

TIM_SMS = 011 (TIMx_SMCR register, both inputs are active on both rising and falling edges).

TIM_CEN = 1 (TIMx_CR1 register, counter is enabled).
Figure 9.25. Example of Counter Operation in Encoder Interface Mode
Figure 9.26 gives an example of counter behavior when IC1FP1 polarity is inverted (same configuration as above
except TIM_CC1P = 1).
Figure 9.26. Example of Encoder Interface Mode with IC1FP1 Polarity Inverted
The timer configured in encoder interface mode provides information on a sensor’s current position. To obtain
dynamic information (speed, acceleration/deceleration), measure the period between two encoder events using a
second timer configured in capture mode. The output of the encoder that indicates the mechanical zero can be
used for this purpose. Depending on the time between two events, the counter can also be read at regular times.
Do this by latching the counter value into a third input capture register. (In this case the capture signal must be
periodic and can be generated by another timer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com